Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG-BGA-5007 Datasheet(PDF) 5 Page - Ironwood Electronics.

Part # XG-BGA-5007
Description  Primary dimension units are millimeters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

XG-BGA-5007 Datasheet(HTML) 5 Page - Ironwood Electronics.

  XG-BGA-5007 Datasheet HTML 1Page - Ironwood Electronics. XG-BGA-5007 Datasheet HTML 2Page - Ironwood Electronics. XG-BGA-5007 Datasheet HTML 3Page - Ironwood Electronics. XG-BGA-5007 Datasheet HTML 4Page - Ironwood Electronics. XG-BGA-5007 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
10
11
12
13
1
15
14
9
6
4
5
17
8
9
8
2
7
3
16
4.00 (x4)
1.70
17.225
18.725
14.725
3.00
4.60
1.60
ITEM NO.
DESCRIPTION
Material
1
Socket Base 12mm POP socket
7075-T6 Aluminum Alloy
2
Cflex 12mm 0.4mm pitch BGA617
Kapton Polyimide
3
Ball Guide BGA 12x12mm, 0.4mm Pitch
Kapton Polyimide
4
Target PCB BGA617
Material <not specified>
5
12x12mm, 5 post Clamshell Backing
Plate
7075-T6 Aluminum Alloy
6
BGA chip 617pin with 0.4mm Pitch and
29x29 array BGA168 0.5mm pitch top
7
IC guide 12mm IC
Kapton Polyimide/ Cirlex
8
Cflex BGA168 0.5mm pitch
Kapton Polyimide/Cirlex
9
Agilent BGA168 Probe board 0.5mm
pitch
10
Compression Screw M10
7075-T6 Alumium Alloy
11
Socket Lid 12mm
7075-T6 Alumium Alloy
12
Compression Plate
7075-T6 Aluminum Alloy
13
#0-80 Shoulder Screw, 0.062" thread
length
Stainless Steel (303)
14
Memory chip BGA168
Material <not specified>
15
Dowel pin, 1/32" X 1/2", SS
Alloy Steel
16
#0-80 X .313 LG, SOC HD CAP SCREW,
ALLOY STL, BLK OXIDE
Alloy Steel
17
Ball Guide BGA168 0.5mm pitch
Kapton Polyimide
SHEET 5 OF 5
SCALE: 3:1
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001"], PCB perimeters ±0.13mm [±0.005"], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Primary dimension units are millimeters, Secondary dimension units are [inches].
XG-BGA-5007 Drawing
STATUS: Released
DRAWN BY: V. Panavala
File: XG-BGA-5007
REV. A
DATE: 8/16/2012
FINISH: N/A
MATERIAL: N/A
WEIGHT: 10.21
Description: XG-BGA617/BGA168 PoP socket for Agilent Probe board


Similar Part No. - XG-BGA-5007

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
XG-BGA-5000 IRONWOOD-XG-BGA-5000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-BGA-5003 IRONWOOD-XG-BGA-5003 Datasheet
62Kb / 4P
   Compression plate distributes forces evenly
XG-BGA-5008 IRONWOOD-XG-BGA-5008 Datasheet
1Mb / 5P
   Primary dimension units are millimeters
XG-BGA-5009 IRONWOOD-XG-BGA-5009 Datasheet
367Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - XG-BGA-5007

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com