Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2046IPWR Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TSC2046IPWR
Description  Low Voltage I/O TOUCH SCREEN CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2046IPWR Datasheet(HTML) 2 Page - Burr-Brown (TI)

  TSC2046IPWR Datasheet HTML 1Page - Burr-Brown (TI) TSC2046IPWR Datasheet HTML 2Page - Burr-Brown (TI) TSC2046IPWR Datasheet HTML 3Page - Burr-Brown (TI) TSC2046IPWR Datasheet HTML 4Page - Burr-Brown (TI) TSC2046IPWR Datasheet HTML 5Page - Burr-Brown (TI) TSC2046IPWR Datasheet HTML 6Page - Burr-Brown (TI) TSC2046IPWR Datasheet HTML 7Page - Burr-Brown (TI) TSC2046IPWR Datasheet HTML 8Page - Burr-Brown (TI) TSC2046IPWR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TSC2046
2
SBAS265C
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
+VCC and IOVDD to GND ..................................................... –0.3V to +6V
Analog Inputs to GND ............................................ –0.3V to +VCC + 0.3V
Digital Inputs to GND .......................................... –0.3V to IOVDD + 0.3V
Power Dissipation .......................................................................... 250mW
Maximum Junction Temperature ................................................... +150°C
Operating Temperature Range ....................................... –40°C to +85°C
Storage Temperature Range ......................................... –65°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300°C
NOTE: (1) Stresses above these ratings can cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
NOMINAL
PENIRQ
MAXIMUM
PULLUP
INTEGRAL
SPECIFIED
RESISTOR
LINEARITY
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
VALUES
ERROR (LSB) PACKAGE-LEAD DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
TSC2046
50k
±2
VFBGA-48
GQC
–40°C to +85°C
AZ2046
TSC2046IGQCR
Tape and Reel, 2500
TSC2046-90
90k
±2
VFBGA-48
GQC
–40°C to +85°C
AZ2046A
TSC2046IGQCR-90
Tape and Reel, 2500
TSC2046
50k
±2
TSSOP-16
PW
–40°C to +85°C
TSC2046I
TSC2046IPW
Rails, 100
"
"
"
"
"
"
"
TSC2046IPWR
Tape and Reel, 2500
TSC2046
50k
±2
QFN-16
RGV
–40°C to +85°C
TSC2046
TSC2046IRGVT
Tape and Reel, 250
"
"
"
"
"
"
"
TSC2046IRGVR
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, see the Package Option Addendum located at the end of this data sheet.
PACKAGE/ORDERING INFORMATION(1)


Similar Part No. - TSC2046IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2046IPWR TI1-TSC2046IPWR Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IPWRG4 TI1-TSC2046IPWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2046IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com