Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB168VAM-40 Datasheet(PDF) 1 Page - Rohm

Part # RB168VAM-40
Description  Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB168VAM-40 Datasheet(HTML) 1 Page - Rohm

  RB168VAM-40 Datasheet HTML 1Page - Rohm RB168VAM-40 Datasheet HTML 2Page - Rohm RB168VAM-40 Datasheet HTML 3Page - Rohm RB168VAM-40 Datasheet HTML 4Page - Rohm RB168VAM-40 Datasheet HTML 5Page - Rohm RB168VAM-40 Datasheet HTML 6Page - Rohm RB168VAM-40 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB168VAM-40
lApplication
lDimensions (Unit : mm)
lLand Size Figure (Unit : mm)
General rectification
lFeatures
1) Small mold type
(TUMD2M)
2) High reliability
lStructure
3) Super low IR
lConstruction
lTaping Dimensions (Unit : mm)
Silicon epitaxial planar type
lAbsolute Maximum Ratings (T
c= 25°C)
Repetitive Peak Reverse Voltage
VRM
V
Reverse Voltage
VR
V
Operating Junction Temperature
Tj
°C
Storage Temperature
Tstg
°C
lElectrical Characteristics (T
j = 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
-
-
0.79
V
Reverse Current
IR
-
-
0.5
mA
A
resistive load, Tc=100°C Max.
Non-repetitive Forward Current Surge Peak
IFSM
Average Forward Rectified Current
Io
A
Parameter
Conditions
Forward Voltage
VR=40V
IF=1A
Parameter
Symbol
Conditions
Limits
Unit
Duty≦0.5
40
Direct Reverse Voltage
40
-55 to +150
Glass epoxy board mounted, 60Hz half sin wave,
1
60Hz half sin wave,
-
150
5
Non-repetitive at Ta=25°C, 1cycle
-
2.0±0.05
4.0±0.1
4.0±0.1
Φ1.5
+0.1
-0
0.25±0.05
0.9±0.08
Φ1.0
+0.2
-0
1.53±0.03
ROHM : TUMD2M
: Manufacture date and factory
TUMD2M
1.1
Anode
Cathode
(1)
(2)
0~0.1
1.4±0.1
0.8±0.05
(1)
(2)
1.0±0.10
+0.10
0.17 -0.05
+0.20
0.60 -0.10
1/3
2016.01 - Rev.A


Similar Part No. - RB168VAM-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB168VAM-30 ROHM-RB168VAM-30 Datasheet
685Kb / 9P
   Schottky Barrier Diode
RB168VAM-60 ROHM-RB168VAM-60 Datasheet
627Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - RB168VAM-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com