Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4304x60737x6 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 4304x60737x6
Description  WS-TATV 12x12mm washable Tact Switch with square actuator, THT version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

4304x60737x6 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  4304x60737x6 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Checked
Drawn
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Basic material
Projection
Drawing.- No.
c
washable definition 14-01-31 DaF
d
Bounce 10ms max. 14-04-11
e
revised MatchCode 14-07-25
f
material change
AL
WS-TATV 12x12mm washable Tact Switch with square actuator,
THT version
4304x60737x6
4304x60739x6.dft
11-02-14
Jelisarow
2:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,2
.xx = +/- 0,15
A4
SIZE
11-04-12
a
WJ
Material of Frame
11-10-28
warning text
b
WJ
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where higher
safety and reliability are especially required or if there is possibility of
direct damage or injury to human body, Wurth Elektronik must be asked
for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability functions
or performance, the sufficient reliability evaluation-check for the safety
must be performed before by the user before usage.
DaF
11-02-14
Hsu
14-08-19 AL
0,6
1,0
3,0 ±0,1
q
3,8 ±0,1
q
0,3
12,5
+1,0
-0,5
14,0
+1,0
-0,5
12,0
q
R 1,0
1
2
4
3
8,5
q
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Rating:
50mA, 12VDC
>Contact Resistance:
Initial:
100mOHM max.
After Life Test:
2OHM max.
>Insulation Resistance: min. 100MOHM at 500VDC
>Dielectric Strength:
250VAC for 1 minute
>Stroke:
0.3 ± 0.1 mm
>Bounce:
10ms max.
MATERIAL
>Cover:
Stainless Steel
>Stem:
LCP UL 94V-0
>Frame:
PA9T UL 94V-0, color Black
>Contact: Stainless Steel with silver
>Terminal: copper alloy with silver plating
>Tape:
Polyimide tape
SOLDERING INFORMATION
>Terminal in THT version
>Wave soldering 260°C 10 sec. max.
>Hand soldering under 350°C for 3 sec. max
WASHABLE DEFINITION
Please do not submerse washable products into water or cleaning agents
or put them in locations exposed to water or liquids completely.
When cleaning by hand (brushing), please do not use excessive force on
our switch to avoid malfunction afterwards, because you could deform
function relevant areas or you could damage sealing functions.
Do not clean washable series immediately after soldering. The cleaning
agent may be absorbed into the switch through respiration while the
switch cools.
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Bulk
P.C.B. MOUNTING PLAN
SCHEMATIC
1
2
4
3
12,5 ±0,1
PN
Force
Color of Stem Life cycle
430 476 073 716
160g ± 50gf
Black
500.000
430 466 073 726
260g ± 70gf
White
300.000
430 456 073 736
360g ± 90gf
Salmon
200.000
Scale - 2:1


Similar Part No. - 4304x60737x6

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
4304x60437x6 WURTH-4304x60437x6 Datasheet
105Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
4304x60437x6 WURTH-4304x60437x6 Datasheet
105Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
4304x60857x6 WURTH-4304x60857x6 Datasheet
104Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
4304x60857x6 WURTH-4304x60857x6 Datasheet
104Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
More results

Similar Description - 4304x60737x6

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
430476073716 WURTH-430476073716 Datasheet
106Kb / 1P
   WS-TATV 12x12mm washable Tact Switch with square actuator, THT version
430456043736 WURTH-430456043736 Datasheet
105Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
430466085726 WURTH-430466085726 Datasheet
104Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
430456085736 WURTH-430456085736 Datasheet
104Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
430466043726 WURTH-430466043726 Datasheet
105Kb / 1P
   WS-TATV 12x12mm washable Tact Switch, THT version
440XX67082622 WURTH-440XX67082622 Datasheet
143Kb / 2P
   WS-TATL 12x12mm Tact Switch with integrated LED, THT version
4301X6XXX7X6 WURTH-4301X6XXX7X6 Datasheet
99Kb / 1P
   WS-TATV 6x6mm Switch, THT version
430186130716 WURTH-430186130716 Datasheet
99Kb / 1P
   WS-TATV 6x6mm Switch, THT version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com