Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB43CA42 Datasheet(PDF) 94 Page - Texas Instruments

Part # TSB43CA42
Description  TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43CA42 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TSB43CA42 Datasheet HTML 89Page - Texas Instruments TSB43CA42 Datasheet HTML 90Page - Texas Instruments TSB43CA42 Datasheet HTML 91Page - Texas Instruments TSB43CA42 Datasheet HTML 92Page - Texas Instruments TSB43CA42 Datasheet HTML 93Page - Texas Instruments TSB43CA42 Datasheet HTML 94Page - Texas Instruments TSB43CA42 Datasheet HTML 95Page - Texas Instruments TSB43CA42 Datasheet HTML 96Page - Texas Instruments TSB43CA42 Datasheet HTML 97Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 94 / 97 page
background image
TSB43Cx43A/
TI iceLynx-Micro™ IEEE 1394a-2000
TSB43CA42
Consumer Electronics Solution
TEXAS INSTRUMENTS
SLLS546F – March 2004 – Revised September 2004
PRODUCTION DATA information is current as of public
date. Products conform to specifications per the terms of
Texas Instruments standard warranty. Production processing
does not necessarily include testing of all parameters.
TEXAS
INSTRUMENTS
Copyright
 2004, Texas Instruments Incorporated
MARCH 12, 2004
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
94
5
Reset Power States
Table 48. Pin State During Power On Reset, Just After Power On Reset and DISABLE_IFn=L
Pin Name
RESETn=L and
DISABLE_IFn=L During
Power On
RESETn=H and
DISABLE_IFn=H
Just After Power On
RESETn=H and
DISABLE_IFn=L
DISABLE_IFn=L
WTCH_DG_TMRn
High Z
0
High Z
LOW_PWR_RDY
0
0
0
MCIF_INTz
High Z
1
High Z
MCIF_CS_IOz=
High Z
High Z
High Z
MCIF_CS_MEMz
High Z
High Z
High Z
MCIF_ACKz
High Z
High Z
High Z
MCIF_WAITz
High Z
High Z
High Z
MCIF_DATA[15:0]
High Z
High Z
High Z
HSDI*_D[0]
High Z
High Z
High Z
HSDI*_D[7:1]
High Z
High Z
High Z
HSDI*_EN
High Z
High Z
High Z
HSDI*_SYNC
High Z
High Z
High Z
HSDI*_DVALID
High Z
High Z
High Z
HSDI*_AV
High Z
0
High Z
HSDI*_AMCLK_OUT
High Z
High Z
High Z
HSDI1_AUDIO_ERR
High Z
High Z
High Z
HSDI1_AUDIO_MUTE
High Z
High Z
High Z
MLPCM_LRCLK
High Z
High Z
High Z
MLPCM_BCLK
High Z
High Z
High Z
MLPCM_D{2:0]
High Z
High Z
High Z
MLPCM_A
High Z
High Z
High Z
HSDI*_60958_OUT
High Z
High Z
High Z
Note: All CFR values are the default value.
6
Configuration Register Map
See Appendix A for the configuration register map and descriptions.


Similar Part No. - TSB43CA42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CA42GGW TI1-TSB43CA42GGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42ZGW TI1-TSB43CA42ZGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
More results

Similar Description - TSB43CA42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com