Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB43CA42 Datasheet(PDF) 85 Page - Texas Instruments

Part # TSB43CA42
Description  TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43CA42 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TSB43CA42 Datasheet HTML 81Page - Texas Instruments TSB43CA42 Datasheet HTML 82Page - Texas Instruments TSB43CA42 Datasheet HTML 83Page - Texas Instruments TSB43CA42 Datasheet HTML 84Page - Texas Instruments TSB43CA42 Datasheet HTML 85Page - Texas Instruments TSB43CA42 Datasheet HTML 86Page - Texas Instruments TSB43CA42 Datasheet HTML 87Page - Texas Instruments TSB43CA42 Datasheet HTML 88Page - Texas Instruments TSB43CA42 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
TSB43Cx43A/
TI iceLynx-Micro™ IEEE 1394a-2000
TSB43CA42
Consumer Electronics Solution
TEXAS INSTRUMENTS
SLLS546F – March 2004 – Revised September 2004
PRODUCTION DATA information is current as of public
date. Products conform to specifications per the terms of
Texas Instruments standard warranty. Production processing
does not necessarily include testing of all parameters.
TEXAS
INSTRUMENTS
Copyright
 2004, Texas Instruments Incorporated
MARCH 12, 2004
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
85
1.16.4 Broadcast Receive FIFO
This FIFO is designed to receive all broadcast packets, such as self-IDs, broadcast asynchronous
packets, and PHY packets. The broadcast receive FIFO is 512 bytes in size to accommodate self-Ids for
a 63-node network. This FIFO is accessed separately for software convenience. It is only accessible by
the external or internal CPU. This FIFO is only for receive operations. All transmit operations must take
place using an asynchronous transmit FIFO. See Figure 48 for a block diagram of the broadcast FIFO
architecture.
Figure 48. Broadcast Receive FIFO
1.16.5 FIFO Priority
For two FIFOs that are the same data type, the lower number FIFO always has priority. For example, if
the iceLynx-Micro were configured for two asynchronous transmit FIFOs, FIFO 0 and 1, FIFO 0 would
have priority over FIFO 1.
1.16.6 FIFO Monitoring
The FIFO size is monitored by several interrupts and status bits. An example of these monitoring bits is
included in Table 45.
Table 45. FIFO Monitoring Bits
Name
Description
Watermark High
(Iso*CPUInt.WtrMrk*,
Iso*BufStat.WtrMrk*)
The watermark control (Iso*WtrMrk.Control*) needs to be set to 1. The watermark level is
programmed at Iso*WtrMrk.Level*.
When the level in the FIFO is above the programmed value at Iso*WtrMrk.Level*, the Watermark
High is activated.
Watermark Low
(Iso*CPUInt.WtrMrk*,
Iso*BufStat.WtrMrk*)
The watermark control (Iso*WtrMrk.Control*) needs to be set to 0. The watermark level is
programmed at Iso*WtrMrk.Level*.
When the level in the FIFO is below the programmed value at Iso*WtrMrk.Level*, the watermark
low is activated.
Cell Available
(Iso*CPUInt.CellAvail,
Iso*BufStat.CellAvail)
A full 1394 packet (or individual cell: 188 bytes for DVB, 480 bytes for DV, 130 or 140 bytes for
DSS) is available in the FIFO. This is valid for transmit or receive.
Quadlets Available
(Iso*BufStat.QuadAvail)
This value reflects the number of quadlets currently in FIFO. This is valid for transmit or receive.
Notes: The FIFO watermark levels are only checked on packet boundaries. If the buffer is not a multiple of (packet
_length+ header length) and the watermark level is programmed between BUFFER SIZE and (BUFFER SIZE – 1
Packet Length – Header Length), watermark level indicators (Iso*CPUInt.WtrMrk*, Iso*BufStat.WtrMrk*) are not
activated.
Broadcast Receive
FIFO
512 bytes
External
or Internal
Host
Packetizer/ Receiver


Similar Part No. - TSB43CA42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CA42GGW TI1-TSB43CA42GGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42ZGW TI1-TSB43CA42ZGW Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
More results

Similar Description - TSB43CA42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com