Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6484AIN Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6484AIN
Description  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6484AIN Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC6484AIN Datasheet HTML 1Page - National Semiconductor (TI) LMC6484AIN Datasheet HTML 2Page - National Semiconductor (TI) LMC6484AIN Datasheet HTML 3Page - National Semiconductor (TI) LMC6484AIN Datasheet HTML 4Page - National Semiconductor (TI) LMC6484AIN Datasheet HTML 5Page - National Semiconductor (TI) LMC6484AIN Datasheet HTML 6Page - National Semiconductor (TI) LMC6484AIN Datasheet HTML 7Page - National Semiconductor (TI) LMC6484AIN Datasheet HTML 8Page - National Semiconductor (TI) LMC6484AIN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface
limits apply at the temperature extremes.
Typ
LMC6484A
LMC6484I
LMC6484M
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
T.H.D.
Total Harmonic Distortion
f = 1 kHz, A
V = −2
0.01
%
R
L = 10 kΩ,VO = 4.1 VPP
f = 10 kHz, A
V = −2
R
L = 10 kΩ,VO = 8.5 VPP
0.01
%
V
+ = 10V
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 3V, V= 0V, V
CM = VO = V
+/2 and R
L > 1M
Typ
LMC6484AI
LMC6484I
LMC6484M
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
0.9
2.0
3.0
3.0
mV
2.7
3.7
3.8
max
TCV
OS
Input Offset Voltage
2.0
µV/˚C
Average Drift
I
B
Input Bias Current
0.02
pA
I
OS
Input Offset Current
0.01
pA
CMRR
Common Mode
0V
≤ V
CM ≤ 3V
74
64
60
60
dB
Rejection Ratio
min
PSRR
Power Supply
3V
≤ V+ ≤ 15V, V= 0V
80
68
60
60
dB
Rejection Ratio
min
V
CM
Input Common-Mode
For CMRR
≥ 50 dB
V
− 0.25
0
0
0
V
Voltage Range
max
V
+ + 0.25
V
+
V
+
V
+
V
min
V
O
Output Swing
R
L = 2kΩ to V
+/2
2.8
V
0.2
V
R
L = 600Ω to V
+/2
2.7
2.5
2.5
2.5
V
min
0.37
0.6
0.6
0.6
V
max
I
S
Supply Current
All Four Amplifiers
1.65
2.5
2.5
2.5
mA
3.0
3.0
3.2
max
AC Electrical Characteristics
Unless otherwise specified, V
+ = 3V, V= 0V, V
CM = VO = V
+/2 and R
L > 1M
Typ
LMC6484AI
LMC6484I
LMC6484M
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
SR
Slew Rate
(Note 11)
0.9
V/µs
GBW
Gain-Bandwidth Product
1.0
MHz
T.H.D.
Total Harmonic Distortion
f = 10 kHz, A
V = −2
0.01
%
R
L = 10 kΩ,VO = 2VPP
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF. All pins rated per method 3015.6 of MIL-STD-883. This is a class 2 device rating.
www.national.com
5


Similar Part No. - LMC6484AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6484AIN TI-LMC6484AIN Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484AIN TI-LMC6484AIN Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484AIN TI1-LMC6484AIN Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484AIN/NOPB TI1-LMC6484AIN/NOPB Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6484AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484IMX TI-LMC6484IMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6484AIMX TI-LMC6484AIMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
   Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
logo
Texas Instruments
SM73306 TI1-SM73306 Datasheet
918Kb / 22P
[Old version datasheet]   SM73306 CMOS Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com