Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # LX1
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LX1 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button LX1 Datasheet HTML 4Page - Fujitsu Component Limited. LX1 Datasheet HTML 5Page - Fujitsu Component Limited. LX1 Datasheet HTML 6Page - Fujitsu Component Limited. LX1 Datasheet HTML 7Page - Fujitsu Component Limited. LX1 Datasheet HTML 8Page - Fujitsu Component Limited. LX1 Datasheet HTML 9Page - Fujitsu Component Limited. LX1 Datasheet HTML 10Page - Fujitsu Component Limited. LX1 Datasheet HTML 11Page - Fujitsu Component Limited. LX1 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Value
Parameter
Symbol
Pin
No.
Condition
Min
Typ
Max
Unit
Threshold voltage
VTH
4, 9
Ta =
+25°C
0.695 0.700 0.705
V
FB pin input current
IFB
4, 9
FB1, FB2 = 0.7 V
0.1
0
+0.1
µA
Error
Comparison
Block
[Error Comp.]
VOUT pin input
current
IVO
3,10
VOUT1, VOUT2 = 1.5 V
6.0
8.6
µA
Over current detection
offset voltage
VOFFILIM
21 to 23
21 to 14
PGND
LX1, LX2
ILIM1, ILIM2 = 500 mV
30
0
+30
mV
ILIM pin current
IILIM
20,16
ILIM1, ILIM2 = 0 V
6
5
4
µA
Over Current
Detection
Block
[ILIM Comp.]
ILIM pin current
Temperature slope
TILIM
20,16
Ta =
+25°C
4500*
ppm/
°C
Over-voltage
detecting voltage
VOVP
4, 9
For REF1, REF2 voltage
110
115
120
%
Hysteresis width
VHOVP
4, 9
5*
%
Over-
voltage
Protection
Circuit Block
[OVP Comp.]
Detection delay time
tOVP
10
15
20
µs
Under-voltage
detecting voltage
VUVP
4, 9
For REF1, REF2 voltage
65
70
75
%
Hysteresis width
VHUVP
4, 9
10*
%
Under-
voltage
Protection
Circuit Block
[UVP Comp.]
Detection delay time
tUVP
100
150
200
µs
TOTPH
150*
°C
Over-
temperature
Protection
Circuit Block
[OTP]
Protection
temperature
TOTPL
125*
°C
ROH
24,13
DRVH1, DRVH2 =
100 mA
4
6
High-side output
on-resistance
ROL
24,13
DRVH1, DRVH2 = 100 mA
1
1.5
ROH
22,15
DRVL1, DRVL2 =
100 mA
4
6
Low-side output
on-resistance
ROL
22,15
DRVL1, DRVL2 = 100 mA
1
1.5
Output source
current
ISOURCE
24,13
22,15
LX1, LX2 = 0 V,
BST1, BST2 = VB
DRVH1, DRVH2 = 2.5 V
Duty
5%
0.5*
A
Output sink current
ISINK
24,13
22,15
LX1, LX2 = 0 V,
BST1, BST2 = VB
DRVH1, DRVH2 = 2.5 V
Duty
5%
0.9*
A
LX1, LX2 = 0 V,
BST1, BST2 = VB
DRVL1, DRVL2-low to
DRVH1, DRVH2-on
15
25
35
ns
Output Block
[DRV]
Dead time
tD
24 to 22
13 to 15 LX1, LX2 = 0 V,
BST1, BST2 = VB
DRVH1, DRVH2-low to
DRVL1, DRVL2-on
35
50
65
ns


Similar Part No. - LX1

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
LX1-LX4 EXAR-LX1-LX4 Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
logo
Lumins Inc.
LX100 LUMINIS-LX100 Datasheet
99Kb / 2P
   Wall mount
logo
Microsemi Corporation
LX1004 MICROSEMI-LX1004 Datasheet
151Kb / 7P
   1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
LX1004CDM-12 MICROSEMI-LX1004CDM-12 Datasheet
151Kb / 7P
   1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
LX1004CDM-25 MICROSEMI-LX1004CDM-25 Datasheet
151Kb / 7P
   1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
More results

Similar Description - LX1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
   2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
   2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
   2ch PFM/PWM DC/DC converter IC with synchronous rectification
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
   1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com