Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRVL1 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # DRVL1
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

DRVL1 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button DRVL1 Datasheet HTML 5Page - Fujitsu Component Limited. DRVL1 Datasheet HTML 6Page - Fujitsu Component Limited. DRVL1 Datasheet HTML 7Page - Fujitsu Component Limited. DRVL1 Datasheet HTML 8Page - Fujitsu Component Limited. DRVL1 Datasheet HTML 9Page - Fujitsu Component Limited. DRVL1 Datasheet HTML 10Page - Fujitsu Component Limited. DRVL1 Datasheet HTML 11Page - Fujitsu Component Limited. DRVL1 Datasheet HTML 12Page - Fujitsu Component Limited. DRVL1 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
9
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Value
Parameter
Symbol
Pin
No.
Condition
Min
Typ
Max
Unit
BST diode voltage
VF
1,12 IF = 10 mA
0.75
0.85
0.95
V
Output Block
[DRV]
Bias current
IBST
1,12
LX1, LX2 = 0 V,
BST1, BST2 = 5.2 V
11
15
22
µA
Preset value 1
conditions
VFREQ1
7
FREQ pin:
GND connection
0
0.2
V
Preset value 2
conditions
VFREQ2
7
FREQ pin: OPEN
0.6
1.2
V
Preset value 3
conditions
VFREQ3
7
FREQ pin: VB connection
2.4
VB
V
Switching
Frequency
Control Block
[FREQ]
FREQ pin
output voltage
VFREQ
7
FREQ = OPEN
0.63
0.9
1.17
V
PFM/PWM mode
conditions
PAF function
negate
VPFM1
17
MODE pin:
GND connection
0
0.2
V
PFM/PWM mode
conditions
PAF function
assert
VPFM2
17
MODE pin : OPEN
0.6
1.2
V
PWM-fixed mode
conditions
VPWM
17
MODE pin : VB connection
4.6
VB
V
PAF frequency
fPAF
Ta =
30°C to +85°C
30
45
kHz
PFM Control
Circuit Block
[MODE]
MODE pin voltage
VMODE
17
MODE = OPEN
0.63
0.9
1.17
V
ON condition
VON
2, 11 EN1, EN2 pins
2.64
V
OFF condition
VOFF
2, 11 EN1, EN2 pins
0.66
V
Hysteresis width
VH
2, 11 EN1, EN2 pins
0.4*
V
Enable Block
[EN1 , EN2]
Input current
IEN
2, 11 EN1, EN2 = 5V
11
15
22
µA
Standby current
ICCS
19
EN1, EN2 = 0V
0
10
µA
Power supply
current during idle
period
ICC1
19
LX1, LX2 = 0 V
BST1, BST2 :
VB connection
FB1, FB2 = 0.75 V
600
860
µA
Power Supply
Current
Power supply
current during
operation
ICC2
19
LX1, LX2 = 0V
BST1, BST2 :
VB connection
FB1, FB2 = 0.6 V
1200
1700
µA
*: This parameter is not be specified. This should be used as a reference to support designing the circuits.


Similar Part No. - DRVL1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101 TI1-DRV101 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV101F BURR-BROWN-DRV101F Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101F TI1-DRV101F Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV101F/500 TI1-DRV101F/500 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRVL1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
   2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
   2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
   2ch PFM/PWM DC/DC converter IC with synchronous rectification
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
   1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com