Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # CS1
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

CS1 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button CS1 Datasheet HTML 6Page - Fujitsu Component Limited. CS1 Datasheet HTML 7Page - Fujitsu Component Limited. CS1 Datasheet HTML 8Page - Fujitsu Component Limited. CS1 Datasheet HTML 9Page - Fujitsu Component Limited. CS1 Datasheet HTML 10Page - Fujitsu Component Limited. CS1 Datasheet HTML 11Page - Fujitsu Component Limited. CS1 Datasheet HTML 12Page - Fujitsu Component Limited. CS1 Datasheet HTML 13Page - Fujitsu Component Limited. CS1 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
TYPICAL CHARACTERISTICS
Power dissipation vs. Operating ambient temperature
0
500
1000
1500
2000
-50 -25 +0 +25 +50 +75 +100+125
1282
Operating ambient temperature Ta (°C)
VB bias voltage vs. Operating ambient temperature
VB bias voltage vs. VB bias output current
5.00
5.04
5.08
5.12
5.16
5.20
5.24
5.28
5.32
5.36
5.40
-40 -20
0 +20 +40 +60 +80 +100
VCC=12V
IVB=0A
5.0
5.1
5.2
5.3
5.4
-30
-25
-20
-15
-10
-5
0
VCC=6V
VCC=12V
VCC=28V
Operating ambient temperature Ta (°C)
VB bias output current IVB (mA)
Error Comp. Threshold voltage vs.
Operating ambient temperature
ILIM pin current vs. Operating ambient temperature
0.695
0.696
0.697
0.698
0.699
0.700
0.701
0.702
0.703
0.704
0.705
-40 -20 0 +20 +40 +60 +80+100
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
-40 -20
0
+20 +40 +60 +80 +100
Operating ambient temperature Ta (°C)
Operating ambient temperature Ta (°C)
Ta = +25 °C


Similar Part No. - CS1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS1 COOPER-CS1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
CS10 ETC1-CS10 Datasheet
124Kb / 2P
   CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
   AT-CUT CRYSTAL UNIT
logo
Token Electronics Indus...
CS10 TOKEN-CS10 Datasheet
427Kb / 8P
   CS Current Detecting Chip Resistors
More results

Similar Description - CS1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
   2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
   2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
   2ch PFM/PWM DC/DC converter IC with synchronous rectification
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
   1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com