Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BST1 Datasheet(PDF) 28 Page - Fujitsu Component Limited.

Part # BST1
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

BST1 Datasheet(HTML) 28 Page - Fujitsu Component Limited.

Back Button BST1 Datasheet HTML 24Page - Fujitsu Component Limited. BST1 Datasheet HTML 25Page - Fujitsu Component Limited. BST1 Datasheet HTML 26Page - Fujitsu Component Limited. BST1 Datasheet HTML 27Page - Fujitsu Component Limited. BST1 Datasheet HTML 28Page - Fujitsu Component Limited. BST1 Datasheet HTML 29Page - Fujitsu Component Limited. BST1 Datasheet HTML 30Page - Fujitsu Component Limited. BST1 Datasheet HTML 31Page - Fujitsu Component Limited. BST1 Datasheet HTML 32Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
28
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Setting soft-start time
Calculate the soft-start time by the following formula.
ts = 7
105
CCS
ts
: Soft-start time [s] (time until output reaches 100%)
CCS : CS pin capacitor value [F]
Calculate the delay time until the soft-start activation by the following formula.
td = 43
CVB
td
: VB voltage delay time (at VIN = 12 V) [s]
CVB : VB pin capacitor value [F]
When activating the other in the state where a side channel has already been activated (UVLO release: VB
output already), the delay time is hardly generated.
ts1
td
ts2
EN1
EN2
VOUT1
VOUT2


Similar Part No. - BST1

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
BST1-BST4 EXAR-BST1-BST4 Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
logo
NXP Semiconductors
BST100 PHILIPS-BST100 Datasheet
67Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
logo
CIT Relay & Switch
BST11P1A CIT-BST11P1A Datasheet
242Kb / 4P
   CIT SWITCH
BST11P1B CIT-BST11P1B Datasheet
242Kb / 4P
   CIT SWITCH
BST11P1N CIT-BST11P1N Datasheet
242Kb / 4P
   CIT SWITCH
More results

Similar Description - BST1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
   2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
   2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
   2ch PFM/PWM DC/DC converter IC with synchronous rectification
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
   1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com