Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIOB4 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # TIOB4
Description  FM3 MB9B100 Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

TIOB4 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button TIOB4_1 Datasheet HTML 7Page - Fujitsu Component Limited. TIOB4_1 Datasheet HTML 8Page - Fujitsu Component Limited. TIOB4_1 Datasheet HTML 9Page - Fujitsu Component Limited. TIOB4_1 Datasheet HTML 10Page - Fujitsu Component Limited. TIOB4_1 Datasheet HTML 11Page - Fujitsu Component Limited. TIOB4_1 Datasheet HTML 12Page - Fujitsu Component Limited. TIOB4_1 Datasheet HTML 13Page - Fujitsu Component Limited. TIOB4_1 Datasheet HTML 14Page - Fujitsu Component Limited. TIOB4_1 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FUJITSU SEMICONDUCTOR CONFIDENTIAL
r2.0
MB9B100 Series
PIN DESCRIPTION
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.
Pin no.
LQFP-100 BGA-112 LQFP-120
Pin name
I/O circuit
type
Pin state
type
1
B1
1
VCC
-
P50
INT00_0
AIN0_2
SIN3_1
RTO10_0
(PPG10_0)
2
C1
2
MDATA0
E
H
P51
INT01_0
BIN0_2
SOT3_1
(SDA3_1)
RTO11_0
(PPG10_0)
3
C2
3
MDATA1
E
H
P52
INT02_0
ZIN0_2
SCK3_1
(SCL3_1)
RTO12_0
(PPG12_0)
4
B3
4
MDATA2
E
H
P53
SIN6_0
TIOA1_2
INT07_2
RTO13_0
(PPG12_0)
5
D1
5
MDATA3
E
H
P54
SOT6_0
(SDA6_0)
TIOB1_2
RTO14_0
(PPG14_0)
6
D2
6
MDATA4
E
I
DS706-00007-1v0-E


Similar Part No. - TIOB4_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIO-PC-AMP ETC1-TIO-PC-AMP Datasheet
362Kb / 16P
   Home Stereo Inside Your PC
TIO-TA1101B ETC1-TIO-TA1101B Datasheet
189Kb / 5P
   STEREO 20W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY
logo
Texas Instruments
TIOL111 TI1-TIOL111 Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL111 TI1-TIOL111 Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL111-3 TI1-TIOL111-3 Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
More results

Similar Description - TIOB4_1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB9BF106RPMC-GE1 FUJITSU-MB9BF106RPMC-GE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF106NPMC-G-JNE1 FUJITSU-MB9BF106NPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF104RPMC-G-JNE1 FUJITSU-MB9BF104RPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF104NPMC FUJITSU-MB9BF104NPMC Datasheet
210Kb / 2P
   32-bit Microcontrollers FM3 Family MB9B100 Series
logo
Cypress Semiconductor
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9BD10T CYPRESS-MB9BD10T Datasheet
4Mb / 134P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com