Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDATA3 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MDATA3
Description  FM3 MB9B100 Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MDATA3 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MDATA3 Datasheet HTML 1Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 2Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 3Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 4Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 5Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 6Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 7Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 8Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MB9B100 Series
Multi-function Timer (Max. 2unit)
The Multi-function timer is composed of the following blocks.
16-bit free-run timer × 3ch/unit
Input capture × 4ch/unit
Output compare × 6ch/unit
A/D activating compare × 3ch/unit
Waveform generator × 3ch/unit
16-bit PPG timer × 3ch/unit
The following function can be used to achieve the motor control.
PWM signal output function
DC chopper waveform output function
Dead time function
Input capture function
A/D convertor activate function
DTIF (Motor emergency stop) interrupt function
Quadrature Position/Revolution Counter (QPRC) (Max. 2unit)
The Quadrature Position/Revolution Counter (QPRC) is used to measure the position of the position
encoder. Moreover, it is possible to use up/down counter.
The detection edge of the three external event input pins AIN, BIN and ZIN is configurable.
16-bit position counter
16-bit revolution counter
Two 16-bit compare registers
Dual Timer (Two 32/16bit Down Counter)
The Dual Timer consists of two programmable 32/16-bit down counters.
Operation mode is selectable from the followings for each channel.
Free-running
Periodic (=Reload)
One-shot
Watch Counter
The Watch counter is used for wake up from power saving mode.
Interval timer: up to 64s(Max.)@ Sub Clock : 32.768kHz
External Interrupt Controller Unit
Up to 16 external vectors
Include one non-maskable interrupt(NMI)
Watch dog Timer (2channels)
A watchdog timer can generate interrupts or a reset when a time-out value is reached.
MB9B100 series consists of two different watchdogs, a "Hardware" watchdog and a "Software" watchdog.
"Hardware" watchdog timer is clocked by low speed CR oscillator. Therefore,”Hardware" watchdog is
active in any power saving mode except STOP.
4
FUJITSU SEMICONDUCTOR CONFIDENTIAL
r2.1
DS706-00007-1v0-E


Similar Part No. - MDATA3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDATL MSYSTEM-MDATL Datasheet
110Kb / 3P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDATA3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB9BF104NPMC-G-JNE1 FUJITSU-MB9BF104NPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF106RPMC-GE1 FUJITSU-MB9BF106RPMC-GE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF106NPMC-G-JNE1 FUJITSU-MB9BF106NPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF104NPMC FUJITSU-MB9BF104NPMC Datasheet
210Kb / 2P
   32-bit Microcontrollers FM3 Family MB9B100 Series
logo
Cypress Semiconductor
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9BD10T CYPRESS-MB9BD10T Datasheet
4Mb / 134P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com