Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220C106K5R2C7168 Datasheet(PDF) 2 Page - Kemet Corporation

Part # C2220C106K5R2C7168
Description  KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C106K5R2C7168 Datasheet(HTML) 2 Page - Kemet Corporation

  C2220C106K5R2C7168 Datasheet HTML 1Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 2Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 3Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 4Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 5Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 6Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 7Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 8Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1020_X7R_KPS_SMD • 8/11/2016
22
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series, X7R Dielectric, 10 – 250 VDC (Commercial Grade)
Packaging C-Spec Ordering Options Table
Packaging Type1
Packaging/Grade
Ordering Code (C-Spec)2
7" Reel (Embossed Plastic Tape)/Unmarked
7186
13" Reel (Embossed Plastic Tape)/Unmarked
7289
1
The terms "Marked" and "Unmarked" pertain to laser marking option of capacitors. All packaging options labeled as "Unmarked" will contain capacitors
that have not been laser marked. The option to laser mark is not available on these devices. For more information see "Capacitor Marking".
Benefits cont'd
• Advanced protection against thermal
and mechanical stress
• Provides up to 10 mm of board flex capability
• Reduces audible, microphonic noise
• Extremely low ESR and ESL
• Lead (Pb)-free, RoHS and REACH compliant
• Capable of Pb-free reflow profiles
• Non-polar device, minimizing installation concerns
• Tantalum and electrolytic alternative
Applications
Typical applications include smoothing circuits, DC/DC converters, power supplies (input/output filters), noise reduction
(piezoelectric/mechanical), circuits with a direct battery or power source connection, critical and safety relevant circuits
without (integrated) current limitation and any application that is subject to high levels of board flexure or temperature
cycling. Markets include industrial, military, automotive and telecom.
Qualification/Certification
Commercial Grade products are subject to internal qualification. Details regarding test methods and conditions are
referenced in Table 4, Performance & Reliability.
Environmental Compliance
Lead (Pb)-free, RoHS, and REACH compliant without exemptions.


Similar Part No. - C2220C106K5R2C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C106K5R2C7289 KEMET-C2220C106K5R2C7289 Datasheet
3Mb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2220C106K5R2C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C476M3R2CTU KEMET-C2220C476M3R2CTU Datasheet
4Mb / 18P
   KPS Series, X7R Dielectric, 10 ??250 VDC (Automotive Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C2220C225MAR2CT500 KEMET-C2220C225MAR2CT500 Datasheet
2Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS Series, X7R Dielectric, 10 ??250 VDC (Commercial Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C2220C105MAR1C7186 KEMET-C2220C105MAR1C7186 Datasheet
77Kb / 1P
   KPS SMD Comm X7R, Ceramic, Commercial Grade, 1 uF, 20%, 250 VDC, X7R, 2220-1
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com