Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C106K5R2C7168 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C1210C106K5R2C7168
Description  KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C106K5R2C7168 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C1210C106K5R2C7168 Datasheet HTML 7Page - Kemet Corporation C1210C106K5R2C7168 Datasheet HTML 8Page - Kemet Corporation C1210C106K5R2C7168 Datasheet HTML 9Page - Kemet Corporation C1210C106K5R2C7168 Datasheet HTML 10Page - Kemet Corporation C1210C106K5R2C7168 Datasheet HTML 11Page - Kemet Corporation C1210C106K5R2C7168 Datasheet HTML 12Page - Kemet Corporation C1210C106K5R2C7168 Datasheet HTML 13Page - Kemet Corporation C1210C106K5R2C7168 Datasheet HTML 14Page - Kemet Corporation C1210C106K5R2C7168 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1020_X7R_KPS_SMD • 8/11/2016 11
11
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series, X7R Dielectric, 10 – 250 VDC (Commercial Grade)
Construction (Typical)
Dielectric Material
(BaTiO
3)
Detailed Cross Section
Barrier Layer
(Ni)
Inner Electrodes
(Ni)
Termination Finish
(Sn)
Barrier Layer
(Ni)
Termination Finish
(Sn)
Inner Electrodes
(Ni)
Dielectric Material
(BaTiO
3)
Leadframe Attach
(High Melting Point Solder)
Leadframe
(Phosphor Bronze - Alloy 510)
End Termination/
External Electrode
(Cu)
End Termination/
External Electrode
(Cu)
Product Marking
Laser marking option is not available on:
• C0G, Ultra Stable X8R and Y5V dielectric devices
• EIA 0402 case size devices
• EIA 0603 case size devices with Flexible Termination option.
• KPS Commercial and Automotive grade stacked devices.
These capacitors are supplied unmarked only.


Similar Part No. - C1210C106K5R2C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C106K5R2C7289 KEMET-C1210C106K5R2C7289 Datasheet
3Mb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1210C106K5R2C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C476M3R2CTU KEMET-C2220C476M3R2CTU Datasheet
4Mb / 18P
   KPS Series, X7R Dielectric, 10 ??250 VDC (Automotive Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C2220C225MAR2CT500 KEMET-C2220C225MAR2CT500 Datasheet
2Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS Series, X7R Dielectric, 10 ??250 VDC (Commercial Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C2220C105MAR1C7186 KEMET-C2220C105MAR1C7186 Datasheet
77Kb / 1P
   KPS SMD Comm X7R, Ceramic, Commercial Grade, 1 uF, 20%, 250 VDC, X7R, 2220-1
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com