Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL0515S Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPL0515S
Description  2W Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPL0515S Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPL0515S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPL0515S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPL0515S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPL Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales@gztoppower.com
Page 1 of 3
DESCRIPTION
The TPL series are miniature, isolated 2W DC/DC converters in a SIP package. They offer
the ideal solution in many space critical applications for board level power distribution. The
internal SMD construction makes it possible to offer a product with high performance at low
cost. The series offers smaller size, improved efficiency, lower output ripple noise and
1KVDC isolation.
2W Isolated Single Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current(Max/Min)
Efficiency
V
V
mA
%
TPL0503S
5
3.3
400/40
80
TPL0505S
5
5
400/40
77
TPL0509S
5
9
221/22.1
80
TPL0512S
5
12
168/16.8
83
TPL0515S
5
15
132/13.2
82
TPL1205S
12
5
400/40
80
TPL1209S
12
9
221/22.1
84
TPL1212S
12
12
168/16.8
86
TPL1215S
12
15
132/13.2
85
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input variants
4.5
5.0
5.5
V
Voltage range
12V input variants
11
12.0
13.3
V
Reflected ripple current
5V input variants
35
mA p-p
Reflected ripple current
12V input variants
40
mA p-p
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Max.
Units
Rated Power
TA= -40°C to 85°C
2.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.2
%/%
Load Regulation(10% load to rated load)
3.3/5V output variants
9
%
Load Regulation(10% load to rated load)
9V output variants
5
%
Load Regulation(10% load to rated load)
12V output variants
6
%
Load Regulation(10% load to rated load)
15V output variants
9
%
FEATURES
RoHS compliant
Single isolated output
1KVDC isolation,3KVDC isolation optional
Efficiency up to 86%
Operating temperature: -40ºC to 85ºC
Power density 2.0W/cm
3
UL 94V-0 package material
Footprint from 1.05cm
2
Industry standard pinout
Input voltage: 5V, 12V
Output voltage: 5V, 9V, 12V, 15V
Custom solutions available
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300
Internal power dissipation
800mW
Input voltage Vin, TPL05XX types
7V
Input voltage Vin, TPL12XX types
15V


Similar Part No. - TPL0515S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPL0515S TOPPOWER-TPL0515S Datasheet
614Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL0515S TOPPOWER-TPL0515S Datasheet
115Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL0515S TOPPOWER-TPL0515S Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL0515S TOPPOWER-TPL0515S Datasheet
695Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL0515S TOPPOWER-TPL0515S Datasheet
195Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPL0515S

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XNM MICRODC-2B-XNM Datasheet
655Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMG0505SC MURATA-PS-NMG0505SC Datasheet
840Kb / 7P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com