Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPE1218S Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPE1218S
Description  1W Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPE1218S Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPE1218S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPE1218S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPE1218S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPE 5V & 12V Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page2 / 3
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA= - 40°C to 85°C
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation
(10%load to rated load)
5V output
14
15
%
Load Regulation
(10%load to rated load)
9V output
9
10
%
Load Regulation
(10%load to rated load)
12V output
7.5
9.5
%
Load Regulation
(10%load to rated load)
15V output
7.0
8.5
%
Load Regulation
(10%load to rated load)
24V output
5.5
7.5
%
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input
110
kHz
Switching frequency
12V input
145
kHz
Switching frequency
24V input
100
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output
-40
85
Storage
-55
150
Case Temperature above ambient
5V output
41
Case Temperature above ambient
All other output
32
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. Both types in this series are backward
compatible with Sn/Pb soldering systems.
Typical Load
Line
10
25
50
75
100
-7.5%
+ 2.5%
-2.5%
NOM
V
+ 5%
+ 10%
Output Load Current(% )
Safe Operating Area
85° C
Ambient Temperature(° C)
150
100
50
0
-40
0
0.5
1.0
1.5


Similar Part No. - TPE1218S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE1212D TOPPOWER-TPE1212D Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1212D TOPPOWER-TPE1212D Datasheet
674Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1212D TOPPOWER-TPE1212D Datasheet
712Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1212D TOPPOWER-TPE1212D Datasheet
716Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1212D/E TOPPOWER-TPE1212D/E Datasheet
257Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPE1218S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com