Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812C106M8R1C7168 Datasheet(PDF) 3 Page - Kemet Corporation

Part # C1812C106M8R1C7168
Description  KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C106M8R1C7168 Datasheet(HTML) 3 Page - Kemet Corporation

  C1812C106M8R1C7168 Datasheet HTML 1Page - Kemet Corporation C1812C106M8R1C7168 Datasheet HTML 2Page - Kemet Corporation C1812C106M8R1C7168 Datasheet HTML 3Page - Kemet Corporation C1812C106M8R1C7168 Datasheet HTML 4Page - Kemet Corporation C1812C106M8R1C7168 Datasheet HTML 5Page - Kemet Corporation C1812C106M8R1C7168 Datasheet HTML 6Page - Kemet Corporation C1812C106M8R1C7168 Datasheet HTML 7Page - Kemet Corporation C1812C106M8R1C7168 Datasheet HTML 8Page - Kemet Corporation C1812C106M8R1C7168 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1020_X7R_KPS_SMD • 8/11/2016
33
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series, X7R Dielectric, 10 – 250 VDC (Commercial Grade)
Dimensions – Millimeters (Inches)
TOP VIEW
PROFILE VIEW
Single or Double Chip Stack
Double Chip Stack
Single Chip Stack
L
L
H
H
W
LW
LW
Number
of Chips
EIA
Size Code
Metric
Size Code
L Length
W Width
H Height
LW Lead Width Mounting
Technique
Single
1210
3225
3.50 (0.138)
±0.30 (.012)
2.60 (0.102)
±0.30 (.012)
3.35 (0.132)
±0.10 (.004)
0.80 (0.032)
±0.15 (0.006)
Solder Reflow
Only
1812
4532
5.00 (0.197)
±0.50 (.020)
3.50 (0.138)
±0.50 (.020)
2.65 (0.104)
±0.35 (0.014)
1.10 (0.043)
±0.30 (0.012)
2220
5650
6.00 (0.236)
±0.50 (.020)
5.00 (0.197)
±0.50 (.020)
3.50 (0.138)
±0.30 (0.012)
1.60 (0.063)
±0.30 (0.012)
Double
1210
3225
3.50 (0.138)
±0.30 (0.012)
2.60 (0.102)
±0.30 (.012)
6.15 (0.242)
±0.15 (0.006)
0.80 (0.031)
±0.15 (0.006)
1812
4532
5.00 (0.197)
±0.50 (0.020)
3.50 (0.138)
±0.50 (0.020)
5.00 (0.197)
±0.50 (0.020)
1.10 (0.043)
±0.30 (0.012)
2220
5650
6.00 (0.236)
±0.50 (.020)
5.00 (0.197)
±0.50 (0.020)
5.00 (0.197)
±0.50 (0.020)
1.60 (0.063)
±0.30 (0.012)
Electrical Parameters/Characteristics
Item
Parameters/Characteristics
Operating Temperature Range
−55°C to +125°C
Capacitance Change with Reference to
+25°C and 0 Vdc Applied (TCC)
±15%
1
Aging Rate (Maximum % Capacitance Loss/Decade Hour)
3.0%
2
Dielectric Withstanding Voltage (DWV)
250% of rated voltage
(5±1 seconds and charge/discharge not exceeding 50mA)
3
Dissipation Factor (DF) Maximum Limit at 25°C
5%(10V), 3.5%(16V & 25V) and 2.5%(50V to 250V)
4
Insulation Resistance (IR) Minimum Limit at 25°C
See Insulation Resistance Limit Table
(Rated voltage applied for 120±5 seconds at 25°C)
1
Regarding Aging Rate: Capacitance measurements (including tolerance) are indexed to a referee time of 48 or 1,000 hours. Please refer to a part
number specific datasheet for referee time details.
2
DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the
capacitor.
3
Capacitance and dissipation factor (DF) measured under the following conditions:
1 kHz ±50 Hz and 1.0 ±0.2 Vrms if capacitance ≤ 10 µF
120 Hz ±10 Hz and 0.5 ±0.1 Vrms if capacitance > 10 µF
4
To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits.
Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known
as Automatic Level Control (ALC). The ALC feature should be switched to "ON."


Similar Part No. - C1812C106M8R1C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C106M8R1C7289 KEMET-C1812C106M8R1C7289 Datasheet
3Mb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1812C106M8R1C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C476M3R2CTU KEMET-C2220C476M3R2CTU Datasheet
4Mb / 18P
   KPS Series, X7R Dielectric, 10 ??250 VDC (Automotive Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C2220C225MAR2CT500 KEMET-C2220C225MAR2CT500 Datasheet
2Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS Series, X7R Dielectric, 10 ??250 VDC (Commercial Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C2220C105MAR1C7186 KEMET-C2220C105MAR1C7186 Datasheet
77Kb / 1P
   KPS SMD Comm X7R, Ceramic, Commercial Grade, 1 uF, 20%, 250 VDC, X7R, 2220-1
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com