Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C106M8R1C7168 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C1210C106M8R1C7168
Description  KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C106M8R1C7168 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C1210C106M8R1C7168 Datasheet HTML 4Page - Kemet Corporation C1210C106M8R1C7168 Datasheet HTML 5Page - Kemet Corporation C1210C106M8R1C7168 Datasheet HTML 6Page - Kemet Corporation C1210C106M8R1C7168 Datasheet HTML 7Page - Kemet Corporation C1210C106M8R1C7168 Datasheet HTML 8Page - Kemet Corporation C1210C106M8R1C7168 Datasheet HTML 9Page - Kemet Corporation C1210C106M8R1C7168 Datasheet HTML 10Page - Kemet Corporation C1210C106M8R1C7168 Datasheet HTML 11Page - Kemet Corporation C1210C106M8R1C7168 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1020_X7R_KPS_SMD • 8/11/2016
88
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series, X7R Dielectric, 10 – 250 VDC (Commercial Grade)
Table 1 – Capacitance Range/Selection Waterfall (1210 – 2220 Case Sizes)
Capacitance
Cap
Code
Case Size/Series
C1210C
C1812C
C2220C
Voltage Code
8
4
3
5
1
A
4
3
5
1
A
4
3
5
1
A
Rated Voltage (VDC)
10
16
25
50
100
250
16
25
50
100
250
16
25
50
100
250
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
Single Chip Stack
0.10 µF
104
K
M
FV
FV
FV
FV
FV
FV
GP
GP
GP
GP
GP
JP
JP
JP
JP
JP
0.22 µF
224
K
M
FV
FV
FV
FV
FV
GP
GP
GP
GP
GP
JP
JP
JP
JP
JP
0.47 µF
474
K
M
FV
FV
FV
FV
FV
GP
GP
GP
GP
GP
JP
JP
JP
JP
JP
1.0 µF
105
K
M
FV
FV
FV
FV
FV
GP
GP
GP
GP
JP
JP
JP
JP
JP
2.2 µF
225
K
M
FV
FV
FV
FV
FV
GP
GP
GP
JP
JP
JP
JP
3.3 µF
335
K
M
FV
FV
FV
FV
GP
GP
GP
JP
JP
JP
JP
4.7 µF
475
K
M
FV
FV
FV
FV
GP
GP
GP
JP
JP
JP
10 µF
106
K
M
FV
FV
FV
GP
GP
JP
JP
JP
15 µF
156
K
M
FV
JP
JP
22 µF
226
K
M
FV
JP
JP
Double Chip Stack
0.10 µF
104
M
FW
FW
FW
FW
FW
FW
GR
GR
GR
GR
GR
JR
JR
JR
JR
JR
0.22 µF
224
M
FW
FW
FW
FW
FW
FW
GR
GR
GR
GR
GR
JR
JR
JR
JR
JR
0.47 µF
474
M
FW
FW
FW
FW
FW
GR
GR
GR
GR
GR
JR
JR
JR
JR
JR
1.0 µF
105
M
FW
FW
FW
FW
FW
GR
GR
GR
GR
GR
JR
JR
JR
JR
JR
2.2 µF
225
M
FW
FW
FW
FW
FW
GR
GR
GR
GR
JR
JR
JR
JR
JR
3.3 µF
335
M
FW
FW
FW
FW
FW
GR
GR
GR
GR
JR
JR
JR
JR
4.7 µF
475
M
FW
FW
FW
FW
FW
GR
GR
GR
JR
JR
JR
JR
10 µF
106
M
FW
FW
FW
FW
GR
GR
GR
JR
JR
JR
22 µF
226
M
FW
FW
FW
GR
GR
JR
JR
JR
33 µF
336
M
FW
JR
JR
47 µF
476
M
FW
JR
JR
Capacitance
Cap
Code
Rated Voltage (VDC)
10
16
25
50
100
250
16
25
50
100
250
16
25
50
100
250
Voltage Code
8
4
3
5
1
A
4
3
5
1
A
4
3
5
1
A
Case Size/Series
C1210C
C1812C
C2220C
These products are protected under US Patent 8,331,078 other patents pending, and any foreign counterparts.
Table 2 – Chip Thickness/Tape & Reel Packaging Quantities
Thickness
Code
Case
Size
Thickness ±
Range (mm)
Paper Quantity
Plastic Quantity
7" Reel
13" Reel
7" Reel
13" Reel
FV
1210
3.35 ± 0.10
0
0
600
2,000
FW
1210
6.15 ± 0.15
0
0
300
1,000
GP
1812
2.65 ± 0.35
0
0
500
2,000
GR
1812
5.00 ± 0.50
0
0
400
1,700
JP
2220
3.50 ± 0.30
0
0
300
1,300
JR
2220
5.00 ± 0.50
0
0
200
800
Thickness
Code
Case
Size
Thickness ±
Range (mm)
7" Reel
13" Reel
7" Reel
13" Reel
Paper Quantity
Plastic Quantity
Package quantity based on finished chip thickness specifications.


Similar Part No. - C1210C106M8R1C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C106M8R1C7289 KEMET-C1210C106M8R1C7289 Datasheet
3Mb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1210C106M8R1C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C476M3R2CTU KEMET-C2220C476M3R2CTU Datasheet
4Mb / 18P
   KPS Series, X7R Dielectric, 10 ??250 VDC (Automotive Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C2220C225MAR2CT500 KEMET-C2220C225MAR2CT500 Datasheet
2Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS Series, X7R Dielectric, 10 ??250 VDC (Commercial Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C2220C105MAR1C7186 KEMET-C2220C105MAR1C7186 Datasheet
77Kb / 1P
   KPS SMD Comm X7R, Ceramic, Commercial Grade, 1 uF, 20%, 250 VDC, X7R, 2220-1
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com