Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206X471KGRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206X471KGRACTU
Description  Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 470 pF, /-10% Tol, 2000 V, X7R, 1206 (3216 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206X471KGRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206X471KGRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - 5bf3cdc5-40ef-4ff9-aa34-05250f5f2d61
KEMET Part Number: C1206X471KGRACTU
(C1206X471KGRAC7800)
Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 470 pF, +/-10% Tol, 2000 V, X7R, 1206 (3216 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.3
+/-0.4
W
1.6
+/-0.35
T
1.2
+/-0.15
B
0.6
+/-0.25
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 2500
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 1206 (3216 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, FT-CAP, Temp
Stable
Termination Type: Flexible Termination
Marked: No
RoHS: Yes
Specifications
Capacitance: 470 pF
Voltage: 2000 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 2400 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206X471KGRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X471KGRACAUTO KEMET-C1206X471KGRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV Flex, Ceramic, 470 pF, 10%, 2,000 V, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 1206
More results

Similar Description - C1206X471KGRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X102KBRACTU KEMET-C1206X102KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 1000 pF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206X101KDRACTU KEMET-C1206X101KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 100 pF, /-10% Tol, 1000 V, X7R, 1206 (3216 metric)
C1206X472KBRACTU KEMET-C1206X472KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 4700 pF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206X106K8RACTU KEMET-C1206X106K8RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 10 uF, /-10% Tol, 10 V, X7R, 1206 (3216 metric)
C1206X223KBRACTU KEMET-C1206X223KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 0.022 uF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206X103KBRACTU KEMET-C1206X103KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 0.01 uF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206X473KCRACTU KEMET-C1206X473KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 0.047 uF, /-10% Tol, 500 V, X7R, 1206 (3216 metric)
C1206X103KFRACTU KEMET-C1206X103KFRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 0.01 uF, /-10% Tol, 1500 V, X7R, 1206 (3216 metric)
C1206X104K2RACTU KEMET-C1206X104K2RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 0.1 uF, /-10% Tol, 200 V, X7R, 1206 (3216 metric)
C1206X103KCRACTU KEMET-C1206X103KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 0.01 uF, /-10% Tol, 500 V, X7R, 1206 (3216 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com