Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2808 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808
Description  Digital Signal Processors
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320F2808 Datasheet HTML 93Page - Texas Instruments TMS320F2808 Datasheet HTML 94Page - Texas Instruments TMS320F2808 Datasheet HTML 95Page - Texas Instruments TMS320F2808 Datasheet HTML 96Page - Texas Instruments TMS320F2808 Datasheet HTML 97Page - Texas Instruments TMS320F2808 Datasheet HTML 98Page - Texas Instruments TMS320F2808 Datasheet HTML 99Page - Texas Instruments TMS320F2808 Datasheet HTML 100Page - Texas Instruments TMS320F2808 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 123 page
background image
www.ti.com
tw(WAKE-INT)
td(WAKE-STBY)
td(IDLE−XCOL)
Wake−up
Signal
X1/X2 or
X1 or
XCLKIN
XCLKOUT
STANDBY
Normal Execution
STANDBY
Flushing Pipeline
(A)
(B)
(C)
(D)
(E)
(F)
Device
Status
TMS320F2808, TMS320F2806
TMS320F2801, UCD9501
Digital Signal Processors
SPRS230F – OCTOBER 2003 – REVISED SEPTEMBER 2005
Table 6-17. STANDBY Mode Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Delay time, IDLE instruction ex-
td(IDLE-XCOL)
32tc(SCO)
45tc(SCO)
cycles
ecuted to XCLKOUT low
Delay time, external wake signal
cycles
to program execution resume(1)
Without input qualifier
100tc(SCO)
Wake up from flash
cycles
Flash module in active
With input qualifier
100tc(SCO) + tw(WAKE-INT)
state
td(WAKE-STBY)
Without input qualifier
1125tc(SCO)
Wake up from flash
cycles
Flash module in sleep
With input qualifier
1125tc(SCO) + tw(WAKE-INT)
state
Without input qualifier
100tc(SCO)
cycles
Wake up from SARAM
With input qualifier
100tc(SCO) + tw(WAKE-INT)
(1)
This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. execution of an ISR (triggered
by the wake up signal) involves additional latency.
A.
IDLE instruction is executed to put the device into STANDBY mode.
B.
The PLL block responds to the STANDBY signal. SYSCLKOUT is held for approximately 32 cycles before being
turned off. This 32-cycle delay enables the CPU pipe and any other pending operations to flush properly.
C.
Clock to the peripherals are turned off. However, the PLL and watchdog are not shut down. The device is now in
STANDBY mode.
D.
The external wake-up signal is driven active.
E.
After a latency period, the STANDBY mode is exited.
F.
Normal execution resumes. The device will respond to the interrupt (if enabled).
Figure 6-12. STANDBY Entry and Exit Timing Diagram
Electrical Specifications
97


Similar Part No. - TMS320F2808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2808 TI-TMS320F2808 Datasheet
1Mb / 123P
[Old version datasheet]   Digital Signal Processors
TMS320F2808 TI-TMS320F2808 Datasheet
3Mb / 155P
[Old version datasheet]   TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
TMS320F2808 TI-TMS320F2808 Datasheet
1Mb / 134P
[Old version datasheet]   Digital Signal Processors
TMS320F2808 TI-TMS320F2808 Datasheet
3Mb / 154P
[Old version datasheet]   TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
FEBRUARY 2021
TMS320F2808 TI-TMS320F2808 Datasheet
1Mb / 140P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com