Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2808 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808
Description  Digital Signal Processors
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320F2808 Datasheet HTML 82Page - Texas Instruments TMS320F2808 Datasheet HTML 83Page - Texas Instruments TMS320F2808 Datasheet HTML 84Page - Texas Instruments TMS320F2808 Datasheet HTML 85Page - Texas Instruments TMS320F2808 Datasheet HTML 86Page - Texas Instruments TMS320F2808 Datasheet HTML 87Page - Texas Instruments TMS320F2808 Datasheet HTML 88Page - Texas Instruments TMS320F2808 Datasheet HTML 89Page - Texas Instruments TMS320F2808 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 123 page
background image
www.ti.com
6.4.2
Current Consumption Graphs
0.0
50.0
100.0
150.0
200.0
250.0
10
20
30
40
50
60
70
80
90
100
SYSCLKOUT (MHz)
IDD
IDDA18
IDDIO
IDD3VFL
3.3-V current
1.8-V current
TMS320F2808, TMS320F2806
TMS320F2801, UCD9501
Digital Signal Processors
SPRS230F – OCTOBER 2003 – REVISED SEPTEMBER 2005
Table 6-4. Typical Current Consumption by Various
Peripherals (at 100 MHz)
(1)
PERIPHERAL
IDD CURRENT
MODULE
REDUCTION (mA)
ADC
8(2)
I2C
5
eQEP
5
ePWM
5
eCAP
2
SCI
4
SPI
5
eCAN
11
(1)
All peripheral clocks are disabled upon reset. Writing to/reading
from peripheral registers is possible only after the peripheral clocks
are turned on.
(2)
This number represents the current drawn by the digital portion of
the ADC module. Turning off the clock to the ADC module results in
the elimination of the current drawn by the analog portion of the
ADC (IDDA18) as well.
NOTE
The baseline I
DD current (current when the core is executing a dummy loop with no
peripherals enabled) is 110 mA, typical. To arrive at the I
DD current for a given application,
the current-drawn by the peripherals (enabled by that application) must be added to the
baseline I
DD current.
Figure 6-1. Typical Operational Current Versus Frequency (F2808)
86
Electrical Specifications


Similar Part No. - TMS320F2808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2808 TI-TMS320F2808 Datasheet
1Mb / 123P
[Old version datasheet]   Digital Signal Processors
TMS320F2808 TI-TMS320F2808 Datasheet
3Mb / 155P
[Old version datasheet]   TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
TMS320F2808 TI-TMS320F2808 Datasheet
1Mb / 134P
[Old version datasheet]   Digital Signal Processors
TMS320F2808 TI-TMS320F2808 Datasheet
3Mb / 154P
[Old version datasheet]   TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
FEBRUARY 2021
TMS320F2808 TI-TMS320F2808 Datasheet
1Mb / 140P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com