Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B360B Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part No. B360B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

B360B Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  B360B Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD B360B Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YFW Catalog
B320B THRU B3A0B
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current -3.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
100.0
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
R
θJA
CJ
TJ,
TSTG
55.0
300
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-50 to +150
-50 to +125
-50 to +150
20
10
0.55
0.85
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
500
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
Case: JEDEC DO-214AA molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight
Number
:0.003 ounce, 0.093 grams
0.071 (1.80)
0.087 (2.20)
Dimensions in inches and (millimeters)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
DO-214AA/SMB
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.205(5.21)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)
B320B B330B B340B B350B B360B B380B B3A0B
www.yfwdiode.com


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn