Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS14F01 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS14F01
Description  14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS14F01 Datasheet(HTML) 4 Page - Texas Instruments

  THS14F01 Datasheet HTML 1Page - Texas Instruments THS14F01 Datasheet HTML 2Page - Texas Instruments THS14F01 Datasheet HTML 3Page - Texas Instruments THS14F01 Datasheet HTML 4Page - Texas Instruments THS14F01 Datasheet HTML 5Page - Texas Instruments THS14F01 Datasheet HTML 6Page - Texas Instruments THS14F01 Datasheet HTML 7Page - Texas Instruments THS14F01 Datasheet HTML 8Page - Texas Instruments THS14F01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
THS14F01, THS14F03
14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS
WITH FIFO INTERNAL REFERENCE AND PGA
SLAS285 – JUNE 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, AVDD, DVDD
3
3.3
3.6
V
High level digital input, VIH
2
3.3
V
Low level digital input, VIL
0
0.8
V
Load capacitance, CL
5
15
pF
Clock frequency fCLK
THS14F01
0.1
1
1
MHz
Clock frequency, fCLK
THS14F03
0.1
3
3
MHz
Clock duty cycle
40%
50%
60%
Operating free air temperature
C suffix
0
25
70
°C
Operating free-air temperature
I suffix
–40
25
85
°C
electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
IDDA
Analog supply current
81
90
mA
IDDD
Digital supply current
5
10
mA
Power
270
360
mW
Power down current
20
µA
DC Characteristics†
Resolution
14
Bits
DNL
Differential nonlinearity
±0.6
±1
LSB
INL
Integral nonlinearity
THS14F01
Best fit
±1.5
±2.5
LSB
INL
Integral nonlinearity
THS14F03
Best fit
±1.5
±2.5
LSB
Offset error
IN+ = IN–, PGA = 0 dB
0.3
%FSR
Gain error
PGA = 0 dB
1
%FSR
AC Characteristics†
ENOB
Effective number of bits
11.2
11.5
Bits
THD
Total harmonic distortion
THS14F01/3
fi = 100 kHz
–81
dB
THD
Total harmonic distortion
THS14F03
fi = 1 MHz
–78
dB
SNR
Signal to noise ratio
THS14F01/3
fi = 100 kHz
72
dB
SNR
Signal-to-noise ratio
THS14F03
fi = 1 MHz
70
72
dB
SINAD
Signal to noise ratio + distortion
THS14F01/3
fi = 100 kHz
70
dB
SINAD
Signal-to-noise ratio + distortion
THS14F03
fi = 1 MHz
69
70
dB
SFDR
Spurious free dynamic range
THS14F01/3
fi = 100 kHz
80
dB
SFDR
Spurious free dynamic range
THS14F03
fi = 1 MHz
73
80
dB
Analog input bandwidth
140
MHz
† FIFO trigger level = 10 samples. Performance is ensured with the output enable signal (OE) being low during no more than one rising clock edge
on CLK.


Similar Part No. - THS14F01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THS14 ETC1-THS14 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Texas Instruments
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI1-THS1401 Datasheet
577Kb / 28P
[Old version datasheet]   14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
More results

Similar Description - THS14F01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
THS1401 TI1-THS1401_15 Datasheet
577Kb / 28P
[Old version datasheet]   14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
ADS7251 TI1-ADS7251 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
[Old version datasheet]   1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com