Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THC63LVD104A Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THC63LVD104A
Description  90MHz 30Bits COLOR LVDS Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVD104A Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THC63LVD104A Datasheet HTML 1Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 2Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 3Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
THC63LVD104A Rev.1.0
Copyright 2003 THine Electronics, Inc. All rights reserved
1
THine Electronics, Inc.
THine
THC63LVD104A
90MHz 30Bits COLOR LVDS Receiver
General Description
The THC63LVD104A receiver is designed to support
pixel data transmission between Host and Flat Panel
Display from NTSC up to WXGA resolutions. The
THC63LVD104A converts the LVDS data streams back
into 35bits of CMOS/TTL data with rising edge or fall-
ing edge clock for convenient with a variety of LCD
panel controllers.At a transmit clock frequency of
90MHz, 30bits of RGB data and 5bits of timing and
control data (HSYNC,VSYNC,DE,CNTL1,CNTL2)
are transmitted at an effective rate of 630Mbps per
LVDS channel.Using a 90MHz clock, the data through-
put is 394Mbytes per second.
Features
Wide dot clock range: 8-90MHz suited for NTSC,
VGA, SVGA, XGA, and WXGA
PLL requires no external components
50% output clock duty cycle
TTL clock edge programmable
Power down mode
Low power single 3.3V CMOS design
64pin TQFP
Backward compatible with THC63LVDF64x
(18bits) / F84x(24bits)
Block Diagram
LVDS INPUT
CMOS/TTL OUTPUT
RCLK+/-
(8 to90MHz)
PLL
RA+/-
RB+/-
RC+/-
RD+/-
RE+/-
TEST
PD
OE
R/F
RA6-RA0
RB6-RB0
RC6-RC0
RD6-RD0
RE6-RE0
CLKOUT
CMOS/TTL INPUT
7
7
7
7
7


Similar Part No. - THC63LVD104A

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104S THINE-THC63LVD104S Datasheet
143Kb / 12P
   112MHz 30Bits Color LVDS Receiver
More results

Similar Description - THC63LVD104A

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7878KVT ROHM-BU7878KVT Datasheet
146Kb / 6P
   90MHz 30BITS COLOR LVDS TRANSMITTER
logo
THine Electronics, Inc.
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104S THINE-THC63LVD104S Datasheet
143Kb / 12P
   112MHz 30Bits Color LVDS Receiver
THC63LVD103D THINE-THC63LVD103D Datasheet
110Kb / 12P
   160MHz 30Bits COLOR LVDS Transmitter
THC63LVD103 THINE-THC63LVD103 Datasheet
107Kb / 12P
   135MHz 30Bits COLOR LVDS Transmitter
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
THC63LVDF84C THINE-THC63LVDF84C Datasheet
470Kb / 14P
   24bit Color LVDS Receiver (Falling Edge Strobe Output)
THC63LVDR84C THINE-THC63LVDR84C Datasheet
534Kb / 16P
   24bit Color LVDS Receiver (Rising Edge Strobe Output)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com