Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THC63LVD104A Datasheet(PDF) 8 Page - THine Electronics, Inc.

Part # THC63LVD104A
Description  90MHz 30Bits COLOR LVDS Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVD104A Datasheet(HTML) 8 Page - THine Electronics, Inc.

Back Button THC63LVD104A Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 9Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 10Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 11Page - THine Electronics, Inc. THC63LVD104A Datasheet HTML 12Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
THC63LVD104A Rev.1.0
Copyright 2003 THine Electronics, Inc. All rights reserved
8
THine Electronics, Inc.
THine
AC Timing Diagrams
TTL Outputs
x = A,B,C,D,E
n = 0,1,2,3,4,5,6
Phase Lock Loop Set Time
VCC
3.0V
2.0V
2.0V
tRPLL
RCLK+/-
PD
CLKOUT
2.0V
2.0V
2.0V
0.8V
0.8V
R/F = L
R/F = H
2.0V
2.0V
0.8V
0.8V
tRCP
tRS
tRH
tRCH
tRCL
CLKOUT
Rxn


Similar Part No. - THC63LVD104A

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104S THINE-THC63LVD104S Datasheet
143Kb / 12P
   112MHz 30Bits Color LVDS Receiver
More results

Similar Description - THC63LVD104A

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7878KVT ROHM-BU7878KVT Datasheet
146Kb / 6P
   90MHz 30BITS COLOR LVDS TRANSMITTER
logo
THine Electronics, Inc.
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104S THINE-THC63LVD104S Datasheet
143Kb / 12P
   112MHz 30Bits Color LVDS Receiver
THC63LVD103D THINE-THC63LVD103D Datasheet
110Kb / 12P
   160MHz 30Bits COLOR LVDS Transmitter
THC63LVD103 THINE-THC63LVD103 Datasheet
107Kb / 12P
   135MHz 30Bits COLOR LVDS Transmitter
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
THC63LVDF84C THINE-THC63LVDF84C Datasheet
470Kb / 14P
   24bit Color LVDS Receiver (Falling Edge Strobe Output)
THC63LVDR84C THINE-THC63LVDR84C Datasheet
534Kb / 16P
   24bit Color LVDS Receiver (Rising Edge Strobe Output)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com