Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

428527420916 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 428527420916
Description  WS-ROTV Rotary Switch 10x10mm, 16 position, THT version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

428527420916 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  428527420916 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Basic material
Projection
Drawing.- No.
c
Washable Definition
14-03-06 DaF
WS-ROTV Rotary Switch 10x10mm, 16 position, THT version
42852742091x
42852742091x.dft
09-11-06
Jelisarow
3:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,2
.xx = +/- 0,15
A4
SIZE
11-09-30
warning text
a
WJ
12-02-02
new contact rating
b
WJ
Checked
Drawn
d
revised MatchCode 14-07-25 AL
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where
higher safety and reliability are especially required or if there is possibility
of direct damage or injury to human body, Wurth Elektronik must be
asked for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability
functions or performance, the sufficient reliability evaluation-check for the
safety must be performed before by the user before usage.
Hsu
09-11-06
C 4
1
C 2
8
RECOMMENDED LAYOUT
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Contact Rating:
Switching:
150mA, 24VDC
Non-Switching:
400mA, 24VDC
>Contact Resistance:
Initial:
80mOHM max.
After Life Test:
200mOHM max.
>Insulation Resistance: min. 100MOHM at 250VDC
>Dielectric Strength:
250VAC for 1 minute
>Operating Force:
700g max.
>Life cycle:
10.000 steps
>Position:
16
>Actuator:
Shaft type
MATERIAL
>Cover:
PA66 UL 94V-0, color light grey
>Base:
PA66 UL 94V-0, color black
>Actuator: POM UL HB
>Contact: Gold Plated
>Terminal: Gold Plated
SOLDERING INFORMATION
>Terminal in THT version
>Wave soldering 260°C for 10 sec. max
>Hand soldering at 350°C for 3 sec. max
WASHABLE DEFINITION
Please do not submerse washable products into water
or cleaning agents or put them in locations exposed to
water or liquids completely. When cleaning by hand
(brushing), please do not use excessive force on our
switch to avoid malfunction afterwards, because you
could deform function relevant areas or you could
damage sealing functions. Do not clean washable
series immediately after soldering. The cleaning agent
may be absorbed into the switch through respiration
while the switch cools.
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Tube
C 1 2 4 8
0
0
1
 
1
2
2
3
  
3
4
4
5
 
5
6
 
6
7
   
7
8
 8
9
 
 9
10
 A
11
  
 B
12
  C
13
 
  D
14
   E
15
     F
C 1 2 4 8
0
     0
1
   1
2
 
  2
3
  3
4
  
 4
5
 5
6
 
 6
7
 7
8
   
8
9
 
9
10
 
A
11
B
12
  
C
13
D
14
 
E
15
F
Complement Code
Real Code
5,08
O 1,00
0,54
5,08
0,20
7,62
4,10
10,00
Scale - 2:1
9,60 ±0,1
Part number
Color of Actuator Position
Code
428 527 420 916
dark grey
16
Real Code
428 527 420 917
ivory
16
complement code


Similar Part No. - 428527420916

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
428527420910 WURTH-428527420910 Datasheet
115Kb / 1P
   WS-ROTV Rotary Switch 10x10mm, 10 position, THT version
428527420910 WURTH-428527420910 Datasheet
115Kb / 1P
   WS-ROTV Rotary Switch 10x10mm, 10 position, THT version
428527420911 WURTH-428527420911 Datasheet
115Kb / 1P
   WS-ROTV Rotary Switch 10x10mm, 10 position, THT version
428527420911 WURTH-428527420911 Datasheet
115Kb / 1P
   WS-ROTV Rotary Switch 10x10mm, 10 position, THT version
42852742091x WURTH-42852742091x Datasheet
115Kb / 1P
   WS-ROTV Rotary Switch 10x10mm, 10 position, THT version
More results

Similar Description - 428527420916

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
428527520916 WURTH-428527520916 Datasheet
113Kb / 1P
   WS-ROTV Rotary Switch 10x10mm, 16 position, THT version
428527320916 WURTH-428527320916 Datasheet
113Kb / 1P
   WS-ROTV Rotary Switch 10x10mm, 16 position, THT version
428527420910 WURTH-428527420910 Datasheet
115Kb / 1P
   WS-ROTV Rotary Switch 10x10mm, 10 position, THT version
428527520910 WURTH-428527520910 Datasheet
110Kb / 1P
   WS-ROTV Rotary Switch 10x10mm, 10 position, THT version
428527420911 WURTH-428527420911 Datasheet
115Kb / 1P
   WS-ROTV Rotary Switch 10x10mm, 10 position, THT version
428527520909 WURTH-428527520909 Datasheet
107Kb / 1P
   WS-ROTV 10x10 Rotary Switch, 08 position, THT version
428527320908 WURTH-428527320908 Datasheet
107Kb / 1P
   WS-ROTV 10x10 Rotary Switch, 08 position, THT version
428527520908 WURTH-428527520908 Datasheet
107Kb / 1P
   WS-ROTV 10x10 Rotary Switch, 08 position, THT version
429427520917 WURTH-429427520917 Datasheet
113Kb / 1P
   WS-ROTU 10x10mm right angle rotary Switch, 16 position, THT version
428427520917 WURTH-428427520917 Datasheet
113Kb / 1P
   WS-ROTU 10x10mm right angle rotary Switch, 16 position, THT version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com