Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42852152081x Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 42852152081x
Description  WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

42852152081x Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  42852152081x Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Basic material
Projection
Drawing.- No.
c
Washable Definition
14-03-05 DaF
WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
42852152081x
42852152081x.dft
09-11-05
Jelisarow
3:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,2
.xx = +/- 0,15
A4
SIZE
11-09-30
warning text
a
WJ
12-02-02
new contact rating
b
WJ
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where higher
safety and reliability are especially required or if there is possibility of
direct damage or injury to human body, Wurth Elektronik must be asked
for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability functions
or performance, the sufficient reliability evaluation-check for the safety
must be performed before by the user before usage.
d
revised MatchCode 14-07-25 AL
Checked
Drawn
Hsu
09-11-05
5,08
1,20
C
4
1
C
2
8
RECOMMENDED LAYOUT
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Contact Rating:
Switching:
150mA, 24VDC
Non-Switching:
400mA, 24VDC
>Contact Resistance:
Initial:
80mOHM max.
After Life Test:
200mOHM max.
>Insulation Resistance: min. 100MOHM at 250VDC
>Dielectric Strength:
250VAC for 1 minute
>Operating Force:
700g max.
>Life cycle:
10.000 steps
>Position:
16
>Actuator:
Cross type
MATERIAL
>Cover:
LCP UL 94V-0, color grey
>Base:
LCP UL 94V-0, color grey
>Actuator: PA 66 UL 94V-0
>Contact: Gold Plated
>Terminal: Gold Plated
SOLDERING INFORMATION
>Terminal in SMD version
>Reflow soldering according to
JEDEC J-STD 020 Hot Air
WASHABLE DEFINITION
Please do not submerse washable products into water
or cleaning agents or put them in locations exposed to
water or liquids completely. When cleaning by hand
(brushing), please do not use excessive force on our
switch to avoid malfunction afterwards, because you
could deform function relevant areas or you could
damage sealing functions. Do not clean washable
series immediately after soldering. The cleaning agent
may be absorbed into the switch through respiration
while the switch cools.
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Tape and Reel
C 1 2 4 8
0
0
1
 
1
2
2
3
  
3
4
4
5
 
5
6
 
6
7
   
7
8
 8
9
 
 9
10
 A
11
  
 B
12
  C
13
 
  D
14
   E
15
     F
C 1 2 4 8
0
     0
1
   1
2
 
  2
3
  3
4
  
 4
5
 5
6
 
 6
7
 7
8
   
8
9
 
9
10
 
A
11
B
12
  
C
13
D
14
 
E
15
F
Complement Code
Real Code
12,00
0,54
5,08
10,00
Part number
Color of Actuator Position
Code
428 521 520 816
light grey
16
Real Code
428 521 520 817
blue
16
complement code
Scale - 3:1
h 0,10 Ref.
9,60 ±0,1


Similar Part No. - 42852152081x

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
42852152081x WURTH-42852152081x Datasheet
110Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
42852152081x WURTH-42852152081x Datasheet
113Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
More results

Similar Description - 42852152081x

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
428521420917 WURTH-428521420917 Datasheet
118Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
428521320817 WURTH-428521320817 Datasheet
112Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
428521320816 WURTH-428521320816 Datasheet
112Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
428521520816 WURTH-428521520816 Datasheet
113Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
428521420916 WURTH-428521420916 Datasheet
118Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
428521520811 WURTH-428521520811 Datasheet
110Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
428521320811 WURTH-428521320811 Datasheet
109Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
428521320810 WURTH-428521320810 Datasheet
109Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
428521420910 WURTH-428521420910 Datasheet
115Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
428521420911 WURTH-428521420911 Datasheet
115Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com