Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-MLF-7070 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-MLF-7070
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-MLF-7070 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-MLF-7070 Datasheet HTML 1Page - Ironwood Electronics. SG-MLF-7070 Datasheet HTML 2Page - Ironwood Electronics. SG-MLF-7070 Datasheet HTML 3Page - Ironwood Electronics. SG-MLF-7070 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.250
1.700±0.100 (x4)
NON-PLATED MOUNTING HOLE
0.850±0.025 (x2)
NON-PLATED ALIGNMEMT HOLE
17.225±0.125 socket outline
17.225±0.125
socket outline
2.2825
4.8225
14.725±0.050
7.3625±0.025
7.3625±0.025
19.500±0.125
9.950±0.125
6.3625
5.4625
A
2.60
0.5 typ.
0.25
0.60
2.50
3.80
3.80
DETAIL A
SCALE 13 : 1
*Note: QFN pattern is not symmetrical with respect to the
mounting holes. It is offset 0.25mm to the right of center.
Target PCB Recommendations
Total thickness: 1.5mm min.
Plating: Gold or Solder finish
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB layout
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. A
DATE: 4/25/2013
Material: N/A
Finish: N/A
Weight: 5.24
SG-MLF-7070 Drawing
SCALE: 5:1
SHEET: 2 OF 4
DRAWN BY: E. Smolentseva
FILE: SG-MLF-7070 Dwg


Similar Part No. - SG-MLF-7070

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-MLF-7071 IRONWOOD-SG-MLF-7071 Datasheet
278Kb / 4P
   Compression plate distributes forces evenly
SG-MLF-7072 IRONWOOD-SG-MLF-7072 Datasheet
41Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7073 IRONWOOD-SG-MLF-7073 Datasheet
404Kb / 4P
   Compression plate distributes forces evenly
SG-MLF-7074 IRONWOOD-SG-MLF-7074 Datasheet
401Kb / 4P
   Compression plate distributes forces evenly
SG-MLF-7075 IRONWOOD-SG-MLF-7075 Datasheet
271Kb / 4P
   High speed reliable elastomer connection
More results

Similar Description - SG-MLF-7070

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com