Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-MLF-7075 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-MLF-7075
Description  High speed reliable elastomer connection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-MLF-7075 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-MLF-7075 Datasheet HTML 1Page - Ironwood Electronics. SG-MLF-7075 Datasheet HTML 2Page - Ironwood Electronics. SG-MLF-7075 Datasheet HTML 3Page - Ironwood Electronics. SG-MLF-7075 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
19.50
17.225
15.354
Recommended torque : 1.5 in. lbs.
8.254
6.10
SG-MLF DIRECT MOUNT, SOLDERLESS SOCKET FOR TEST
APPLICATIONS
Features
• Wide temperature range (-30C to +100C).
• Excellent signal integrity at high frequencies.
• High speed reliable elastomer connection.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SG-MLF socket
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 3/27/2013
Material: N/A
Finish: N/A
Weight: 6.02
SG-MLF-7075 Drawing
SCALE: 3:1
SHEET: 1 OF 4
ENG: M.A.Fedde
FILE: SG-MLF-7075 Dwg
DRAWN BY: M. Raske


Similar Part No. - SG-MLF-7075

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-MLF-7070 IRONWOOD-SG-MLF-7070 Datasheet
419Kb / 4P
   Compression plate distributes forces evenly
SG-MLF-7071 IRONWOOD-SG-MLF-7071 Datasheet
278Kb / 4P
   Compression plate distributes forces evenly
SG-MLF-7072 IRONWOOD-SG-MLF-7072 Datasheet
41Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7073 IRONWOOD-SG-MLF-7073 Datasheet
404Kb / 4P
   Compression plate distributes forces evenly
SG-MLF-7074 IRONWOOD-SG-MLF-7074 Datasheet
401Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-MLF-7075

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-5020 IRONWOOD-CG-BGA-5020 Datasheet
370Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6406 IRONWOOD-SG-BGA-6406 Datasheet
522Kb / 5P
   High speed, reliable Elastomer connection
CG-QFN-7004 IRONWOOD-CG-QFN-7004 Datasheet
189Kb / 6P
   High speed, reliable Elastomer connection
SG-BGA-6004 IRONWOOD-SG-BGA-6004 Datasheet
73Kb / 3P
   High speed, reliable Elastomer connection
SG-BGA-6013 IRONWOOD-SG-BGA-6013 Datasheet
104Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-7018 IRONWOOD-SG-BGA-7018 Datasheet
48Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6018 IRONWOOD-SG-BGA-6018 Datasheet
49Kb / 3P
   High speed, reliable Elastomer connection
SG-BGA-6019 IRONWOOD-SG-BGA-6019 Datasheet
53Kb / 3P
   High speed, reliable Elastomer connection
GT-BGA-2005 IRONWOOD-GT-BGA-2005 Datasheet
631Kb / 5P
   High speed reliable elastomer connection
SG-MLF-7086 IRONWOOD-SG-MLF-7086 Datasheet
267Kb / 4P
   High speed, reliable Elastomer connection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com