Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-BGA-9010 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SM-BGA-9010
Description  Automated probe manufacturing enables low cost and short lead time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9010 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9010 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9010 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9010 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9010 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1
2
5
14
15
8
6
4
11
3
12
10
17
16
9
13
7
23.725±0.050
5.00 (x4)
4.00
28.725
90° (x4)
10.3625
13.3625
6.65
2.65
Insulation Plate Specification
ITEM
NO.
DESCRIPTION
Material
1
Spring Clamshell lid assembly
Steel Music Wire
2
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
3
Socket Lid
7075-T6 Aluminum Alloy
4
Latch
7075-T6 Aluminum Alloy
5
Hinge Pin and Snap Ring, 3mm OD, 30mm long, 1045
Stl, Blk Oxide
AISI 1045 Steel, cold drawn
6
Precision Compression Spring, Zinc-Plated Music Wire,
1/2" Length, .12" OD, .016" Wire
Zinc Plated Music Wire
7
#0-80 X .375 LG, SOC HD CAP SCREW, ALLOY STL,
BLK OXIDE
Alloy Steel
8
Insulating washer, 5mm OD.
Kapton Polyimide/Cirlex
9
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
10
SM Socket Base Clamshell 21mm
7075-T6 Aluminum Alloy
11
Heat sink Compression Screw M24 threads
7075-T6 Aluminum Alloy
12
CBT 21mm Compression plate Ni Plated
7075-T6 Aluminum Alloy
13
Backing PLate 21mm IC 5 post
7075-T6 Aluminum Alloy
14
BGA564 IC 21x21mm 0.8mm 25x25 array
FR4 Standard
15
PCB BGA564 21x21mm 0.8mm 25x25 array
FR4 Standard
16
SM interposer BGA564 21x21mm 0.8mm 25x25 array
Silmat
17
SM-Ball guide 0.8mm 25x25 array
Kapton Polyimide/Cirlex
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, Insulation Plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 8/19/2012
Material:
Finish: 138.86
Weight: Material <not specified>
SM-BGA-9010 Drawing
SCALE: 2:1
SHEET: 4 OF 4
DRAWN BY: V. Panavala
FILE: SM-BGA-9010


Similar Part No. - SM-BGA-9010

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-BGA-9012 IRONWOOD-SM-BGA-9012 Datasheet
385Kb / 4P
   Direct mounts to target PCB with hardware
SM-BGA-9013 IRONWOOD-SM-BGA-9013 Datasheet
248Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9015 IRONWOOD-SM-BGA-9015 Datasheet
504Kb / 5P
   Direct mounts to target PCB with hardware
More results

Similar Description - SM-BGA-9010

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com