Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-SOIC-3004 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-SOIC-3004
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-SOIC-3004 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-SOIC-3004 Datasheet HTML 1Page - Ironwood Electronics. SG-SOIC-3004 Datasheet HTML 2Page - Ironwood Electronics. SG-SOIC-3004 Datasheet HTML 3Page - Ironwood Electronics. SG-SOIC-3004 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.050
2.950
3.050
2.950
0.50±0.01
0.50
0.50
5.030
4.780
1
2
TOP VIEW
0.950
0.750
0.150
0.000
0.360
0.250
0.051 MAX
EXPOSED PAD
1.10
0.94
0.65 TYP
2.515
2.210
1.830
1.550
EXPOSED PAD
0.1800
0.1300
0.660
0.410
0.940 REF
6.000°
0.000°
0.150
0.000
Dimensions are in millimeters.
Interpret dimensions and tolerances per ASME Y14.5M-1994.
1.
SIDE VIEW
BOTTOM VIEW
FRONT VIEW
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible Device
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 02/14/2014
Material: N/A
Finish: N/A
Weight: 6.47
SG-SOIC-3004 Drawing
SCALE: 15:1
SHEET: 3 OF 4
ENG: B. Schatz
FILE: SG-SOIC-3004 Dwg
DRAWN BY: M. Raske


Similar Part No. - SG-SOIC-3004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-SOIC-3000 IRONWOOD-SG-SOIC-3000 Datasheet
52Kb / 4P
   Compression plate distributes forces evenly
SG-SOIC-3001 IRONWOOD-SG-SOIC-3001 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
SG-SOIC-3002 IRONWOOD-SG-SOIC-3002 Datasheet
39Kb / 3P
   Compression plate distributes forces evenly
SG-SOIC-3003 IRONWOOD-SG-SOIC-3003 Datasheet
214Kb / 4P
   Compression plate distributes forces evenly
SG-SOIC-3005 IRONWOOD-SG-SOIC-3005 Datasheet
253Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-SOIC-3004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com