Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRA8063M3NB-001 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # TRA8063M3NB-001
Description  Suitable for high band 4G application
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

TRA8063M3NB-001 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  TRA8063M3NB-001 Datasheet HTML 1Page - Laird Tech Smart Technology TRA8063M3NB-001 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
FEATURES
• Mechanicallyrobustforboth
Indoor/Outdoorapplications
• Suitableforhighband4Gapplication
• Phantomantennaoutperformsa3dBi
whipinmanyapplications
MARKETS
• PublicSafety
• Cellular
• M2M
• Utility
• Transportation
• IBW
TRI-BAND PHANTOM® ANTENNA IDEAL FOR
806/850/1900/2600 MHZ APPLICATIONS
Lairds’ unique Phantom® antenna operates simultaneously in the 806-896 MHz, 1850-1990
MHz and 2500-2700 MHz bands. The mechanically robust design is suitable for both indoor
and outdoor applications. With wide bandwidth and a low angle radiation pattern that is
superior to traditional gain antennas in most applications, the antenna can be used in both
ceiling mount and surface mount applications.
The industry standard NMO mounting socket mates with all Lairds’ magnetic, trunk lid and
hole mount configurations. A threaded permanent stud mount model is also available for
vandal resistant mounting on brackets, panels, ceilings or any other kind
of housing.
ANTENNA PATTERNS
Phantom® Tri-band Antenna
TRA8063M3


Similar Part No. - TRA8063M3NB-001

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
TRA81215005A NHP-TRA81215005A Datasheet
640Kb / 2P
   CT SPLIT CORE 120 x 80mm 1500/5A 15VA CL1 8VA CL0.5
11 October 2022,
TRA8128005A NHP-TRA8128005A Datasheet
640Kb / 2P
   CT SPLIT CORE 120 x 80mm 800/5A 7VA CL1 3VA CL0.5
11 October 2022,
TRA81620005A NHP-TRA81620005A Datasheet
695Kb / 2P
   CT SPLIT CORE 160 x 80mm 2000/5A 20VA CL1 15VA CL0.5
20 January 2023,
TRA81625005A NHP-TRA81625005A Datasheet
695Kb / 2P
   CT SPLIT CORE 160 x 80mm 2500/5A 20VA CL1 15VA CL0.5
11 October 2022,
TRA81630005A NHP-TRA81630005A Datasheet
695Kb / 2P
   CT SPLIT CORE 160 x 80mm 3000/5A 25VA CL1 20VA CL0.5
20 January 2023,
More results

Similar Description - TRA8063M3NB-001

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1155ADL AKM-AP1155ADL Datasheet
705Kb / 23P
   Suitable for High Power application
logo
Toshiba Semiconductor
S8855 TOSHIBA-S8855 Datasheet
160Kb / 5P
   SUITABLE FOR Ku-BAND AMPLIFIER
logo
WALSIN TECHNOLOGY CORPO...
RFASWMH6373ATF09 WALSIN-RFASWMH6373ATF09 Datasheet
563Kb / 8P
   Any2G/3G/4G Band for TRx system
logo
IP SEMICONDUCTOR CO., L...
IPT0108-XXU IPS-IPT0108-XXU Datasheet
493Kb / 4P
   suitable for low power AC Switching application
logo
DB Lectro Inc
JQ104E DBLECTRO-JQ104E Datasheet
382Kb / 3P
   Suitable for automobile and lamp accessories application
logo
IP SEMICONDUCTOR CO., L...
IPT0106-XXU IPS-IPT0106-XXU Datasheet
493Kb / 4P
   suitable for low power AC Switching application
logo
WALSIN TECHNOLOGY CORPO...
RFASWK119ATF09 WALSIN-RFASWK119ATF09 Datasheet
611Kb / 9P
   Any 2G/3G/4G Band for TRx System
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RFASWAM3489ATF09 WALSIN-RFASWAM3489ATF09 Datasheet
541Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWB022ATF09 WALSIN-RFASWB022ATF09 Datasheet
650Kb / 8P
   Any 2G/3G/4G Band For TRx System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com