Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2136J Datasheet(PDF) 2 Page - International Rectifier

Part # IR2136J
Description  3-PHASE BRIDGE DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136J Datasheet(HTML) 2 Page - International Rectifier

  IR2136J Datasheet HTML 1Page - International Rectifier IR2136J Datasheet HTML 2Page - International Rectifier IR2136J Datasheet HTML 3Page - International Rectifier IR2136J Datasheet HTML 4Page - International Rectifier IR2136J Datasheet HTML 5Page - International Rectifier IR2136J Datasheet HTML 6Page - International Rectifier IR2136J Datasheet HTML 7Page - International Rectifier IR2136J Datasheet HTML 8Page - International Rectifier IR2136J Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
IR2136(2)(3)(5)(6)(7)(8)(J&S)&(PbF)
2
www.irf.com
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recom-
mended conditions. All voltage parameters are absolute referenced to COM. The VS offset rating is tested with all supplies
biased at 15V differential.
VB1,2,3
High side floating supply voltage
IR2136(8)
VS1,2,3 +10
VS1,2,3 +20
IR21362
VS1,2,3 +11.5 VS1,2,3 +20
IR2136(3)(5)(6)(7)
VS1,2,3 +12
VS1,2,3 +20
VS1,2,3
High side floating supply offset voltage
Note 1
600
VHO1,2,3
High side output voltage
VS1,2,3
VB1,2,3
VLO1,2,3
Low side output voltage
0
VCC
VCC
Low side and logic fixed supply voltage
IR2136(8)
10
20
IR21362
11.5
20
IR2136(3)(5)(6)(7)
12
20
VSS
Logic ground
-5
5
VFLT
FAULT output voltage
VSS
VCC
VRCIN
RCIN input voltage
VSS
VCC
Symbol
Definition
Min.
Max.
Units
V
Note 1: Logic operational for VS of COM -5V to COM +600V. Logic state held for VS of COM -5V to COM -VBS.
(Please refer to the Design Tip DT97-3 for more details).
Note 2: All input pins and the ITRIP pin are internally clamped with a 5.2V zener diode.
Symbol
Definition
Min.
Max.
Units
VS
High side offset voltage
VB1,2,3 - 25
VB1,2,3 + 0.3
VBS
High side floating supply voltage
-0.3
625
VHO
High side floating output voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VSS
Logic ground
VCC - 25
VCC + 0.3
VLO1,2,3
Low side output voltage
-0.3
VCC + 0.3
VIN
Input voltage LIN,HIN,ITRIP, EN, RCIN
VSS - 0.3
lower of
(VSS + 15) or
VCC + 0.3)
VFLT
FAULT output voltage
VSS - 0.3
VCC + 0.3
dV/dt
Allowable offset voltage slew rate
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
(28 lead PDIP)
1.5
(28 lead SOIC)
1.6
( 44leadPLCC)
2.0
RthJA
Thermal resistance, junction to ambient
(28 lead PDIP)
83
(28 lead SOIC)
78
(44 lead PLCC)
63
TJ
Junction temperature
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
V
°C/W
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board
mounted and still air conditions.
W
°C


Similar Part No. - IR2136J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2136 IRF-IR2136 Datasheet
896Kb / 36P
   3-PHASE BRIDGE DRIVER
IR2136 IRF-IR2136 Datasheet
896Kb / 36P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2136 INFINEON-IR2136 Datasheet
917Kb / 36P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
logo
International Rectifier
IR21362 IRF-IR21362 Datasheet
902Kb / 36P
   3-PHASE BRIDGE DRIVER
IR21362 IRF-IR21362 Datasheet
896Kb / 36P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IR2136J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com