Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21368 Datasheet(PDF) 3 Page - International Rectifier

Part # IR21368
Description  3-PHASE BRIDGE DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21368 Datasheet(HTML) 3 Page - International Rectifier

  IR21368 Datasheet HTML 1Page - International Rectifier IR21368 Datasheet HTML 2Page - International Rectifier IR21368 Datasheet HTML 3Page - International Rectifier IR21368 Datasheet HTML 4Page - International Rectifier IR21368 Datasheet HTML 5Page - International Rectifier IR21368 Datasheet HTML 6Page - International Rectifier IR21368 Datasheet HTML 7Page - International Rectifier IR21368 Datasheet HTML 8Page - International Rectifier IR21368 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.irf.com
3
IR2136(2)(3)(5)(6)(7)(8)(J&S) &(PbF)
Note 2: All input pins and the ITRIP pin are internally clamped with a 5.2V zener diode.
Recommended Operating Conditions cont.
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recom-
mended conditions. All voltage parameters are absolute referenced to COM. The VS offset rating is tested with all supplies
biased at 15V differential.
Symbol
Definition
Min.
Max.
Units
V
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V unless otherwise specified. The VIN, VTH and IIN parameters are referenced to VSS and
are applicable to all six channels (HS1,2,3 and LS1,2,3). The VO and IO parameters are referenced to COM and VS1,2,3
and are applicable to the respective output leads: HO1,2,3 and LO1,2,3.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR2136(3)(5)
3.0
Logic “1” input voltage HIN1,2,3
IR21362
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR21366(7)(8)
2.5
VIL
Logic “1” input voltage LIN1,2,3, HIN1,2,3
IR2136(3)(5)
0.8
Logic “0” input voltage HIN1,2,3
IR21362
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR21366(7)(8)
0.8
VEN,TH+
EN positive going threshold
3
VEN,TH-
EN negative going threshold
0.8
VIT,TH+
ITRIP positive going threshold
IR2136(2)(3)(6)
0.37
0.46
0.55
IR21365(7)(8)
3.85
4.30
4.75
VIT,HYS
ITRIP input hysteresis
IR2136(2)(3)(6)
0.07
IR21365(7)(8)
.15
VRCIN,TH+
RCIN positive going threshold
8
VRCIN,HYS
RCIN input hysteresis
3
VOH
High level output voltage, VBIAS - VO
0.9
1.4
IO = 20 mA
VOL
Low level output voltage, VO
0.4
0.6
IO = 20 mA
VCCUV+
VCC and VBS supply undervoltage
IR2136(8)
8.0
8.9
9.8
VBSUV+
positive going threshold
IR21362
9.6
10.4
11.2
IR21363(5)(6)(7)
10.6
11.1
11.6
V
VITRIP
ITRIP input voltage
VSS
VSS +5
VIN
Logic input voltage LIN , HIN (IR2136,IR21363(5)(6)(7)(8)),
HIN(IR21362), EN
VSS
VSS +5
TA
Ambient temperature
-40
125
o
C


Similar Part No. - IR21368

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21368 IRF-IR21368 Datasheet
896Kb / 36P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR21368 INFINEON-IR21368 Datasheet
917Kb / 36P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
More results

Similar Description - IR21368

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com