Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP32454 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32454
Description  Reverse current blocking when disabled
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32454 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32454 Datasheet HTML 1Page - Vishay Siliconix SIP32454 Datasheet HTML 2Page - Vishay Siliconix SIP32454 Datasheet HTML 3Page - Vishay Siliconix SIP32454 Datasheet HTML 4Page - Vishay Siliconix SIP32454 Datasheet HTML 5Page - Vishay Siliconix SIP32454 Datasheet HTML 6Page - Vishay Siliconix SIP32454 Datasheet HTML 7Page - Vishay Siliconix SIP32454 Datasheet HTML 8Page - Vishay Siliconix SIP32454 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 62531
S12-0967-Rev. A, 07-May-12
www.vishay.com
3
Vishay Siliconix
SiP32454, SiP32455
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. For VIN outside this range consult typical EN threshold curve.
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 1 V, TA = - 40 °C to 85 °C
(Typical values are at TA = 25 °C)
Limits
Unit
Min.a
Typ.b
Max.a
Operating Voltagec
VIN
0.8
-
2.5
V
Quiescent Current
IQ
VIN = 1.2 V, VEN = VIN, OUT = open
-10
15
µA
VIN = 2.5 V, VEN = VIN, OUT = open
-34
60
Off Supply Current
IQ(off)
SiP32454
EN = GND, OUT = open
--
30
SiP32455
-
-
1
Off Switch Current
IDS(off)
EN = GND, OUT = 0 V
-
-
30
Reverse Blocking Current
IRB
VOUT = 2.5 V, VIN = 0.9 V, VEN = 0 V
-
0.001
30
On-Resistance
RDS(on)
VIN = 1 V, IL = 200 mA, TA = 25 °C
-30
35
m
Ω
VIN = 1.2 V, IL = 200 mA, TA = 25 °C
-29
35
VIN = 1.8 V, IL = 200 mA, TA = 25 °C
-28
35
VIN = 2.5 V, IL = 200 mA, TA = 25 °C
-28
35
On-Resistance Temp.-Coefficient
TCRDS
-4100-
ppm/°C
Output Pulldown Resistance
RPD
VEN = 0 V, TA = 25 °C (SiP32454 only)
-
417
550
Ω
EN Input Low Voltagec
VIL
VIN = 1 V
--
0.1
V
EN Input High Voltagec
VIH
VIN = 2.5 V
1.5
-
-
EN Input Leakage
IEN
VIN = 2.5 V, VEN = 0 V
--
1
µA
VIN = 2.5 V, VEN = 2.5 V
-6.5
12
Output Turn-On Delay Time
td(on)
VIN = 1.2 V
RLOAD = 10 Ω, CL = 0.1 µF,
TA = 25 °C
-0.6
1.2
ms
VIN = 2.5 V
-0.6
1.2
Output Turn-On Rise Time
tr
VIN = 1.2 V
0.411.6
VIN = 2.5 V
0.5
1.5
2.5
Output Turn-Off Delay Time
td(off)
VIN = 1.2 V
-0.3
1
µs
VIN = 2.5 V
-0.1
1


Similar Part No. - SIP32454

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32454 VISHAY-SIP32454 Datasheet
221Kb / 11P
   0.8 V to 2.5 V, 28 m?? Slew Rate Controlled Load Switch in WCSP4
01-Jan-2022
SIP32454DB-T2-GE1 VISHAY-SIP32454DB-T2-GE1 Datasheet
221Kb / 11P
   0.8 V to 2.5 V, 28 m?? Slew Rate Controlled Load Switch in WCSP4
01-Jan-2022
SIP32454 VISHAY-SIP32454_V01 Datasheet
221Kb / 11P
   0.8 V to 2.5 V, 28 m?? Slew Rate Controlled Load Switch in WCSP4
01-Jan-2022
More results

Similar Description - SIP32454

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9715CA RICHTEK-RT9715CA Datasheet
240Kb / 12P
   Reverse Blocking Current
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
   2A Load Switch with Reverse Current Blocking
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
   Full Function Load Switch with Reverse Current Blocking
logo
Richtek Technology Corp...
RT9715AGB RICHTEK-RT9715AGB Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
   3A Current Limited Load Switch with True Reverse Current Blocking
logo
Sanyo Semicon Device
DRA5 SANYO-DRA5 Datasheet
99Kb / 3P
   5.0A Reverse Blocking Thyristor
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com