Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHH26N60E Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIHH26N60E
Description  Kelvin connection for reduced gate noise
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHH26N60E Datasheet(HTML) 7 Page - Vishay Siliconix

  SIHH26N60E Datasheet HTML 1Page - Vishay Siliconix SIHH26N60E Datasheet HTML 2Page - Vishay Siliconix SIHH26N60E Datasheet HTML 3Page - Vishay Siliconix SIHH26N60E Datasheet HTML 4Page - Vishay Siliconix SIHH26N60E Datasheet HTML 5Page - Vishay Siliconix SIHH26N60E Datasheet HTML 6Page - Vishay Siliconix SIHH26N60E Datasheet HTML 7Page - Vishay Siliconix SIHH26N60E Datasheet HTML 8Page - Vishay Siliconix SIHH26N60E Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 18-May-15
1
Document Number: 67859
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 8 x 8 Case Outline
Notes
1. Use millimeters as the primary measurement.
2. Dimensioning and tolerances conform to ASME Y14.5 M - 1994.
3. N is the number of terminals.
4. Package warpage max. 0.08 mm.
5. The pin 1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body.
6. Exact shape and size of this feature is optional.
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A 8
0.95
1.00
1.05
0.037
0.039
0.041
A1
0.00
-
0.05
0.000
-
0.002
A2
020 ref.
0.008 ref.
b 4
0.95
1.00
1.05
0.037
0.039
0.041
D
7.90
8.00
8.10
0.311
0.315
0.319
D2
7.10
7.20
7.30
0.280
0.283
0.287
D3
0.40 BSC
0.016 BSC
e
2.00 BSC
0.079 BSC
E
7.90
8.00
8.10
0.311
0.315
0.319
E2
4.30
4.35
4.40
0.169
0.171
0.173
E3
0.40 BSC
0.016 BSC
K
2.75 BSC
0.108 BSC
L
0.45
0.50
0.55
0.018
0.020
0.022
N 3
88
ECN: T15-0225-Rev. A, 18-May-15
DWG: 6041
D2
b
BACK SIDE VIEW
e
D3
TOP SIDE VIEW
D
PPAK 8x8
(8 mm x 8 mm)
A
B
Pin 1 dot
5, 6
by marking
0.1 C A
2x
0.1 C B
2x


Similar Part No. - SIHH26N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHH26N60E-T1-GE3 VISHAY-SIHH26N60E-T1-GE3 Datasheet
196Kb / 9P
   E Series Power MOSFET
01-Jan-2022
SIHH26N60EF VISHAY-SIHH26N60EF Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. C, 11-Apr-16
SIHH26N60EF VISHAY-SIHH26N60EF Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH26N60EF VISHAY-SIHH26N60EF_V01 Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH26N60E VISHAY-SIHH26N60E_V01 Datasheet
196Kb / 9P
   E Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHH26N60E

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN50N120SK IXYS-IXFN50N120SK Datasheet
289Kb / 4P
   Kelvin Source gate connection
IXFN70N120SK IXYS-IXFN70N120SK Datasheet
439Kb / 7P
   Kelvin Source gate connection
IXFN90N170SK IXYS-IXFN90N170SK Datasheet
417Kb / 7P
   SiC Power MOSFET Kelvin Source gate connection
logo
Ohmite Mfg. Co.
RES-TGHG OHMITE-RES-TGHG Datasheet
345Kb / 2P
   Four terminal Kelvin connection
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60 Datasheet
249Kb / 8P
   Reduced Gate Drive Requirement
logo
List of Unclassifed Man...
BU-78K ETC2-BU-78K Datasheet
48Kb / 1P
   Kelvin Clip
BU-75K ETC2-BU-75K Datasheet
50Kb / 1P
   Kelvin Clip
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60_13 Datasheet
2Mb / 11P
   Power MOSFET Reduced Gate Drive Requirement
logo
Aries Electronics, Inc.
23022 ARIES-23022 Datasheet
1Mb / 2P
   Kelvin Test Socket
logo
List of Unclassifed Man...
BU-108K-0 ETC2-BU-108K-0 Datasheet
251Kb / 1P
   Insulated Kelvin Battery Clip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com