Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHH21N60E Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIHH21N60E
Description  Reduced switching and conduction losses
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHH21N60E Datasheet(HTML) 3 Page - Vishay Siliconix

  SIHH21N60E Datasheet HTML 1Page - Vishay Siliconix SIHH21N60E Datasheet HTML 2Page - Vishay Siliconix SIHH21N60E Datasheet HTML 3Page - Vishay Siliconix SIHH21N60E Datasheet HTML 4Page - Vishay Siliconix SIHH21N60E Datasheet HTML 5Page - Vishay Siliconix SIHH21N60E Datasheet HTML 6Page - Vishay Siliconix SIHH21N60E Datasheet HTML 7Page - Vishay Siliconix SIHH21N60E Datasheet HTML 8Page - Vishay Siliconix SIHH21N60E Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SiHH21N60E
www.vishay.com
Vishay Siliconix
S15-2031-Rev. A, 24-Aug-15
3
Document Number: 91584
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - COSS and EOSS vs. VDS
0
15
30
45
60
0
5
10
15
20
25
30
V
DS, Drain-to-Source Voltage (V)
T
J = 25 °C
TOP
15 V
14 V
13 V
12 V
11 V
10 V
9 V
8 V
7 V
6 V
BOTTOM 5 V
0
10
20
30
40
0
5
10
15
20
25
30
V
DS, Drain-to-Source Voltage (V)
T
J = 150 °C
TOP
15 V
14 V
13 V
12 V
11 V
10 V
9 V
8 V
7 V
6 V
BOTTOM 5 V
0
15
30
45
60
0
5
10
15
20
25
V
GS, Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
V
DS = 29 V
0
0.5
1.0
1.5
2.0
2.5
3.0
-60 -40 -20
0
20
40
60
80 100 120 140 160
T
J, Junction Temperature (°C)
I
D = 11 A
V
GS = 10 V
1
10
100
1000
10 000
0
100
200
300
400
500
600
V
DS, Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds shorted
C
rss = Cgd
C
oss = Cds + Cgd
0
2
4
6
8
10
12
14
50
500
5000
0100
200
300
400
500
600
V
DS
C
oss
E
oss


Similar Part No. - SIHH21N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHH21N60E-T1-GE3 VISHAY-SIHH21N60E-T1-GE3 Datasheet
195Kb / 9P
   E Series Power MOSFET
01-Jan-2022
SIHH21N60EF VISHAY-SIHH21N60EF Datasheet
184Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. A, 15-Feb-16
SIHH21N60EF-T1-GE3 VISHAY-SIHH21N60EF-T1-GE3 Datasheet
185Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH21N60EF VISHAY-SIHH21N60EF_V01 Datasheet
185Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH21N60E VISHAY-SIHH21N60E_V01 Datasheet
195Kb / 9P
   E Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHH21N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHJ10N60E VISHAY-SIHJ10N60E Datasheet
156Kb / 7P
   Reduced switching and conduction losses
Rev. B, 16-Jan-17
SIHH11N60E VISHAY-SIHH11N60E Datasheet
196Kb / 9P
   Reduced switching and conduction losses
Rev. A, 24-Aug-15
SIHH14N60E VISHAY-SIHH14N60E Datasheet
196Kb / 9P
   Reduced switching and conduction losses
Rev. B, 07-Sep-15
SIHG33N60E VISHAY-SIHG33N60E Datasheet
198Kb / 8P
   Reduced switching and conduction losses
Rev. F, 02-May-16
SIHP38N60E VISHAY-SIHP38N60E Datasheet
143Kb / 7P
   Reduced switching and conduction losses
Rev. A, 04-Jul-16
logo
STMicroelectronics
STS15N4LLF5 STMICROELECTRONICS-STS15N4LLF5 Datasheet
588Kb / 12P
   Conduction losses reduced
April 2010 Rev 1
STH240N75F3-2 STMICROELECTRONICS-STH240N75F3-2 Datasheet
878Kb / 18P
   Conduction losses reduced
July 2012 Rev 2
logo
International Rectifier
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
   Low Conduction Losses and Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com