Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiC632DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SiC632DB
Description  50 A VRPower Integrated Power Stage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC632DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SiC632DB Datasheet HTML 1Page - Vishay Siliconix SiC632DB Datasheet HTML 2Page - Vishay Siliconix SiC632DB Datasheet HTML 3Page - Vishay Siliconix SiC632DB Datasheet HTML 4Page - Vishay Siliconix SiC632DB Datasheet HTML 5Page - Vishay Siliconix SiC632DB Datasheet HTML 6Page - Vishay Siliconix SiC632DB Datasheet HTML 7Page - Vishay Siliconix SiC632DB Datasheet HTML 8Page - Vishay Siliconix SiC632DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SiC632, SiC632A
www.vishay.com
Vishay Siliconix
S15-2801-Rev. A, 30-Nov-15
1
Document Number: 62992
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 A VRPower® Integrated Power Stage
DESCRIPTION
The SiC632 and SiC632A are integrated power stage
solutions optimized for synchronous buck applications to
offer high current, high efficiency, and high power density
performance. Packaged in Vishay’s proprietary 5 mm x 5 mm
MLP package, SiC632 and SiC632A enables voltage
regulator designs to deliver up to 50 A continuous current
per phase.
The
internal
power
MOSFETs
utilizes
Vishay’s
state-of-the-art Gen IV TrenchFET technology that delivers
industry benchmark performance to significantly reduce
switching and conduction losses.
The SiC632 and SiC632A incorporate an advanced
MOSFET gate driver IC that features high current driving
capability, adaptive dead-time control, an integrated
bootstrap Schottky diode, a thermal warning (THWn) that
alerts the system of excessive junction temperature, and
zero current detection to improve light load efficiency. The
drivers are also compatible with a wide range of PWM
controllers and supports tri-state PWM, 3.3 V (SiC632A) /
5 V (SiC632) PWM logic.
FEATURES
• Thermally enhanced PowerPAK® MLP55-31L
package
• Vishay’s Gen IV MOSFET technology and a
low-side MOSFET with integrated Schottky
diode
• Delivers up to 50 A continuous current
• High efficiency performance
• High frequency operation up to 1.5 MHz
• Power MOSFETs optimized for 19 V input stage
• 3.3 V (SiC632A) / 5 V (SiC632) PWM logic with tri-state and
hold-off
• Zero current detect control for light load efficiency
improvement
• Low PWM propagation delay (< 20 ns)
• Faster disable
• Thermal monitor flag
• Under voltage lockout for VCIN
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Multi-phase VRDs for computing, graphics card and memory
• Intel IMVP-8 VRPower delivery
-VCORE, VGRAPHICS, VSYSTEM AGENT Skylake, Kabylake platforms
-VCCGI for Apollo Lake platforms
• Up to 24 V rail input DC/DC VR modules
TYPICAL APPLICATION DIAGRAM
Fig. 1 - SiC632 and SiC632A Typical Application Diagram
PWM
controller
Gate
driver
5V
VIN
VOUT
VCIN
ZCD_EN#
DSBL#
PWM
THWn
BOOT
VSWH
PHASE


Similar Part No. - SiC632DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC632DB/SIC632ADB VISHAY-SIC632DB/SIC632ADB Datasheet
325Kb / 18P
   50 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SiC632DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 23-Nov-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com