Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiC632CD-T1-GE3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SiC632CD-T1-GE3
Description  50 A VRPower Integrated Power Stage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC632CD-T1-GE3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SiC632CD-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SiC632CD-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SiC632CD-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SiC632CD-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SiC632CD-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix SiC632CD-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix SiC632CD-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix SiC632CD-T1-GE3 Datasheet HTML 14Page - Vishay Siliconix SiC632CD-T1-GE3 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SiC632, SiC632A
www.vishay.com
Vishay Siliconix
S15-2801-Rev. A, 30-Nov-15
11
Document Number: 62992
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PCB LAYOUT RECOMMENDATIONS
Step 1: VIN/GND Planes and Decoupling
1. Layout VIN and PGND planes as shown above
2. Ceramic capacitors should be placed right between VIN
and PGND, and very close to the device for best
decoupling effect
3. Difference values / packages of ceramic capacitors
should be used to cover entire decoupling spectrum e.g.
1210, 0805, 0603 and 0402
4. Smaller capacitance value, closer to device VIN pin(s)
- better high frequency noise absorbing
Step 2: VSWH Plane
1. Connect output inductor to DrMOS with large plane to
lower the resistance
2. If
any
snubber
network
is
required,
place
the
components as shown above and the network can be
placed at bottom
Step 3: VCIN/VDRV Input Filter
1. The VCIN/VDRV input filter ceramic cap should be placed
very close to IC. It is recommended to connect two caps
separately.
2. CVCIN cap should be placed between pin 3 and pin 4
(CGND of driver IC) to achieve best noise filtering.
3. CVDRV cap should be placed between pin 28 (PGND of
driver IC) and pin 29 to provide maximum instantaneous
driver current for low-side MOSFET during switching
cycle
4. For connecting CVCIN analog ground, it is recommended
to use large plane to reduce parasitic inductance.
Step 4: BOOT Resistor and Capacitor Placement
1. These components need to be placed very close to IC,
right between PHASE (pin 7) and BOOT (pin 5).
2. To reduce parasitic inductance, chip size 0402 can be
used.
VIN
VSWH
PGND
VIN plane
PGND plane
PGND Plane
VSWH
VSWH
PGND plane
C
GND
CVCIN
CVDRV
P
G
N
D
Cboot
Rboot


Similar Part No. - SiC632CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC632CD-T1-GE3 VISHAY-SIC632CD-T1-GE3 Datasheet
325Kb / 18P
   50 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SiC632CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 23-Nov-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com