Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiC631CD-T1-GE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SiC631CD-T1-GE3
Description  50 A VRPower Integrated Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC631CD-T1-GE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SiC631CD-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SiC631CD-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SiC631CD-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SiC631CD-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SiC631CD-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SiC631CD-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SiC631CD-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SiC631CD-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SiC631CD-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SiC631
www.vishay.com
Vishay Siliconix
S16-1261-Rev. C, 27-Jun-16
5
Document Number: 67104
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DETAILED OPERATIONAL DESCRIPTION
PWM Input with Tri-state Function
The PWM input receives the PWM control signal from the VR
controller IC. The PWM input is designed to be compatible
with standard controllers using two state logic (H and L) and
advanced controllers that incorporate tri-state logic (H, L
and tri-state) on the PWM output. For two state logic, the
PWM input operates as follows. When PWM is driven above
VPWM_TH_R the low-side is turned ON and the high-side is
turned ON. When PWM input is driven below VPWM_TH_F the
high-side is turned OFF and the low-side is turned ON. For
tri-state logic, the PWM input operates as previously stated
for driving the MOSFETs when PWM is logic high and logic
low. However, there is an third state that is entered as the
PWM output of tri-state compatible controller enters its high
impedance state during shut-down. The high impedance
state of the controller’s PWM output allows the SiC631 to
pull the PWM input into the tri-state region (see definition of
PWM logic and tri-state, fig. 4). If the PWM input stays in this
region for the tri-state hold-off period, tTSHO, both high-side
and low-side MOSFETs are turned OFF. The function allows
the VR phase to be disabled without negative output voltage
swing caused by inductor ringing and saves a Schottky
diode clamp. The PWM and tri-state regions are separated
by hysteresis to prevent false triggering. The SiC631
incorporates PWM voltage thresholds that are compatible
with 5 V.
Diode Emulation Mode and PS4 Mode (ZCD_EN#)
The ZCD_EN# pin enables or disables diode emulation
mode. When ZCD_EN# is driven below VTH_ZCD_EN#_F, diode
emulation is allowed. When ZCD_EN# is driven above
VTH_ZCD_EN#_R, continuous conduction mode is forced.
Diode emulation mode allows for higher converter efficiency
under light load situations. With diode emulation active, the
SiC631 will detect the zero current crossing of the output
inductor and turn off the low-side MOSFET. This ensures
that discontinuous conduction mode (DCM) is achieved.
Diode emulation is asynchronous to the PWM signal,
therefore, the SiC631 will respond to the ZCD_EN# input
immediately after it changes state.
The ZCD_EN# pin can be floated resulting in a high
impedance state. High impedance on the input of ZCD_EN#
combined with a tri-stated PWM output will shut down the
SiC631, reducing current consumption to typically 5 μA.
This is an important feature in achieving the low standby
current requirements required in the PS4 state in ultrabooks
and notebooks.
Voltage Input (VIN)
This is the power input to the drain of the high-side power
MOSFET. This pin is connected to the high power
intermediate BUS rail.
Switch Node (VSWH and PHASE)
The switch node, VSWH, is the circuit power stage output.
This is the output applied to the power inductor and output
filter to deliver the output for the buck converter. The PHASE
pin is internally connected to the switch node VSWH. This pin
is to be used exclusively as the return pin for the BOOT
capacitor.
Ground Connections (CGND and PGND)
PGND (power ground) should be externally connected
to CGND (control signal ground). The layout of the printed
circuit board should be such that the inductance separating
CGND and PGND is minimized. Transient differences due to
inductance effects between these two pins should not
exceed 0.5 V
Control and Drive Supply Voltage Input (VDRV, VCIN)
VCIN is the bias supply for the gate drive control IC. VDRV is
the bias supply for the gate drivers. It is recommended to
separate these pins through a resistor. This creates a low
pass filtering effect to avoid coupling of high frequency gate
drive noise into the IC.
Bootstrap Circuit (BOOT)
The internal bootstrap diode and an external bootstrap
capacitor form a charge pump that supplies voltage to the
BOOT pin. An integrated bootstrap diode is incorporated so
that only an external capacitor is necessary to complete the
bootstrap circuit. Connect a boot strap capacitor with one
leg tied to BOOT pin and the other tied to PHASE pin.
Shoot-Through Protection and Adaptive Dead Time
The SiC631 has an internal adaptive logic to avoid shoot
through and optimize dead time. The shoot through
protection ensures that both high-side and low-side
MOSFETs are not turned ON at the same time. The adaptive
dead time control operates as follows. The high-side and
low-side gate voltages are monitored to prevent the one
turning ON from tuning ON until the other's gate voltage is
sufficiently low
(< 1 V). Built in delays also ensure that one
power MOS is completely OFF, before the other can be
turned ON. This feature helps to adjust dead time as gate
transitions change with respect to output current and
temperature.
Under Voltage Lockout (UVLO)
During the start up cycle, the UVLO disables the gate
drive holding high-side and low-side MOSFET gates low
until the supply voltage rail has reached a point at which
the logic circuitry can be safely activated. The SiC631 also
incorporates logic to clamp the gate drive signals to zero
when the UVLO falling edge triggers the shutdown of the
device.


Similar Part No. - SiC631CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC631CD-T1-GE3 VISHAY-SIC631CD-T1-GE3 Datasheet
336Kb / 19P
   50 A VRPower짰 Integrated Power Stage
08-Feb-17
More results

Similar Description - SiC631CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 23-Nov-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com