Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiC532DB Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SiC532DB
Description  30 A VRPower Integrated Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC532DB Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SiC532DB Datasheet HTML 6Page - Vishay Siliconix SiC532DB Datasheet HTML 7Page - Vishay Siliconix SiC532DB Datasheet HTML 8Page - Vishay Siliconix SiC532DB Datasheet HTML 9Page - Vishay Siliconix SiC532DB Datasheet HTML 10Page - Vishay Siliconix SiC532DB Datasheet HTML 11Page - Vishay Siliconix SiC532DB Datasheet HTML 12Page - Vishay Siliconix SiC532DB Datasheet HTML 13Page - Vishay Siliconix SiC532DB Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SiC532
www.vishay.com
Vishay Siliconix
S15-2728-Rev. A, 23-Nov-15
10
Document Number: 74770
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PCB LAYOUT RECOMMENDATIONS
Step 1: VIN / PGND Planes and Decoupling
1. Layout VIN and PGND planes as shown above.
2. Ceramic capacitors should be placed directly between
VIN and PGND, and close to the device for best
decoupling effect.
3. Different values / packages of ceramic capacitors should
be used to cover entire decoupling spectrum e.g. 1210,
0805, 0603, 0402.
4. Smaller capacitance values, placed closer to the device’s
VIN pin(s), results in better high frequency noise
absorbing.
Step 2: VSWH Plane
1. Connect output inductor to IC with large plane to lower
resistance.
2. VSWH plane also serves as a heat-sink for low-side
MOSFET. Make the plane wide and short to achieve the
best thermal path.
3. If a snubber network is required, place the components
as shown above, the network can be placed at bottom.
Step 3: VCIN / VDRV Input Filter
1. The VCIN / VDRV input filter ceramic cap should be placed
as close as possible to the IC. It is recommended to
connect two capacitors separately.
2. VCIN capacitor should be placed between pin 2 (VCIN) and
pin 3 (AGND of driver IC) to achieve best noise filtering.
3. VDRV capacitor should be placed between pin 20
(PGND of driver IC) and pin 21 (VDRV) to provide maximum
instantaneous driver current for low side MOSFET during
switching cycle.
4. For connecting VCIN to AGND, it is recommended to use
a large plane to reduce parasitic inductance.
Step 4: BOOT Resistor and Capacitor Placement
1. The components need to be placed as close as possible
to IC, directly between PHASE (pin 5) and BOOT (pin 4).
2. To reduce parasitic inductance, chip size 0402 can be
used.
VIN
VSWH
PGND
VIN Plane
PGND Plane
PGND Plane
VSWH
Snubber
PGND
Cvcin
Cvdrv
AGND
Cboot
Rboot


Similar Part No. - SiC532DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC532DB VISHAY-SIC532DB Datasheet
338Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SiC532DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
   30 A VRPower® Integrated Power Stage
Rev. A, 10-Oct-16
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com