Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiC532CD-T1-GE3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SiC532CD-T1-GE3
Description  30 A VRPower Integrated Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC532CD-T1-GE3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SiC532CD-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SiC532CD-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SiC532CD-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SiC532CD-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SiC532CD-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SiC532CD-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SiC532CD-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SiC532CD-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SiC532CD-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SiC532
www.vishay.com
Vishay Siliconix
S15-2728-Rev. A, 23-Nov-15
6
Document Number: 74770
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM
Fig. 3 - SiC532 Functional Block Diagram
ZCD_EN#
V
SWH
GL
+
-
GL
+
-
UVLO
VCIN
PWM logic
control &
state
machine
Anti-cross
conduction
control
logic
BOOT
VIN
PWM
CGND
VCIN
PGND
PHASE
VDRV
VDRV
DEVICE TRUTH TABLE
ZCD_EN#
PWM
GH
GL
Hi-Z (PS4 mode)
X
L
L
LL
L
H, IL > 0 A
L, IL < 0 A
LH
HL
LHi-ZL
L
HL
LH
HH
H
L
HHi-Z
L
L


Similar Part No. - SiC532CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC532CD-T1-GE3 VISHAY-SIC532CD-T1-GE3 Datasheet
338Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SiC532CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
   30 A VRPower® Integrated Power Stage
Rev. A, 10-Oct-16
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com