Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC530 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIC530
Description  30 A VRPower Integrated Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC530 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIC530 Datasheet HTML 1Page - Vishay Siliconix SIC530 Datasheet HTML 2Page - Vishay Siliconix SIC530 Datasheet HTML 3Page - Vishay Siliconix SIC530 Datasheet HTML 4Page - Vishay Siliconix SIC530 Datasheet HTML 5Page - Vishay Siliconix SIC530 Datasheet HTML 6Page - Vishay Siliconix SIC530 Datasheet HTML 7Page - Vishay Siliconix SIC530 Datasheet HTML 8Page - Vishay Siliconix SIC530 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SiC530
www.vishay.com
Vishay Siliconix
S15-2523-Rev. B, 02-Nov-15
1
Document Number: 62940
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
30 A VRPower® Integrated Power Stage
DESCRIPTION
The SiC530 is an integrated power stage solution optimized
for synchronous buck applications to offer high current, high
efficiency, and high power density performance. Packaged
in Vishay’s proprietary 4.5 mm x 3.5 mm MLP package,
SiC530 enables voltage regulator designs to deliver up to
30 A continuous current per phase.
The
internal
power
MOSFETs
utilize
Vishay’s
state-of-the-art Gen IV TrenchFET technology that delivers
industry benchmark performance to significantly reduce
switching and conduction losses.
The SiC530 incorporates an advanced MOSFET gate driver
IC that features high current driving capability, adaptive
dead-time control, an integrated bootstrap Schottky diode,
and zero current detect to improve light load efficiency. The
driver is also compatible with a wide range of PWM
controllers, supports tri-state PWM, and 5 V PWM logic.
A user selectable diode emulation mode (ZCD_EN#)
function is included to improve the light load performance.
The device also supports the PS4 mode to reduce power
consumption when system operates in standby state.
FEATURES
• Thermally enhanced PowerPAK® MLP4535-22L
package
• Vishay’s Gen IV MOSFET technology and a
low-side MOSFET with integrated Schottky
diode
• Delivers up to 30 A continuous current, 40 A at 10 ms peak
current
• High efficiency performance
• High frequency operation up to 2 MHz
• Power ON reset
• 5 V PWM logic with tri-state and hold-off
• Supports PS4 mode light load requirement for IMVP8 with
low shutdown supply current (5 V, 5 μA)
• Under voltage lockout for VCIN
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Multi-phase VRDs for CPU, GPU, and memory
• INTEL IMVP-8 IA / GT core power
• Up to 18 V rail input DC/DC VR modules
TYPICAL APPLICATION DIAGRAM
Fig. 1 - SiC530 Typical Application Diagram
PWM
controller
Gate
driver
5V
V
IN
V
OUT
V
CIN
PWM
BOOT
V
SWH
PHASE
ZCD_EN#


Similar Part No. - SIC530

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
343Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC530CD-T1-GE3 VISHAY-SIC530CD-T1-GE3 Datasheet
343Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC530DB VISHAY-SIC530DB Datasheet
343Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC530 VISHAY-SIC530_V01 Datasheet
343Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SIC530

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 23-Nov-15
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
   30 A VRPower® Integrated Power Stage
Rev. A, 10-Oct-16
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com