Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2058BB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT82V2058BB
Description  OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2058BB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT82V2058BB Datasheet HTML 1Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 2Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 3Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 4Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 5Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 6Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 7Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 8Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
INDUSTRIAL TEMPERATURE RANGES
IDT82V2058 OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
Pin No.
Name
Type
QFP144
BGA160
Description
Transmit and Receive Line Interface
TTIP0
TTIP1
TTIP2
TTIP3
TTIP4
TTIP5
TTIP6
TTIP7
TRING0
TRING1
TRING2
TRING3
TRING4
TRING5
TRING6
TRING7
Analog
Output
45
52
57
64
117
124
129
136
46
51
58
63
118
123
130
135
N5
L5
L10
N10
B10
D10
D5
B5
P5
M5
M10
P10
A10
C10
C5
A5
TTIPn/TRINGn: Transmit Bipolar Tip/Ring for Channel 0~7
These pins are the differential line driver outputs. They will be in high impedance state if pin OE
is low or the corresponding pin TCLKn is low (pin OE is globe control, while pin TCLKn is per-
channel control). In host mode, each pin can be in high impedance state by programming a “1” to
the corresponding bit in Register OE1.
RTIP0
RTIP1
RTIP2
RTIP3
RTIP4
RTIP5
RTIP6
RTIP7
RRING0
RRING1
RRING2
RRING3
RRING4
RRING5
RRING6
RRING7
Analog
Input
48
55
60
67
120
127
132
139
49
54
61
66
121
126
133
138
P7
M7
M8
P8
A8
C8
C7
A7
N7
L7
L8
N8
B8
D8
D7
B7
RTIPn/RRINGn: Receive Bipolar Tip/Ring for Channel 0~7
These pins are the differential line receiver inputs.
1
Register name is indicated by bold capital letter. OE: Output Enable Register.
PIN DESCRIPTION


Similar Part No. - IDT82V2058BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058BBBLANK IDT-IDT82V2058BBBLANK Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058BBGBLANK IDT-IDT82V2058BBGBLANK Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2058BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
   Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
logo
Renesas Technology Corp
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
   QUAD E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com