Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

748412245 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 748412245
Description  Chip-Balun WE-BAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

748412245 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  748412245 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 748412245 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 748412245 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 748412245 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
Gurtspezifikation / Tape specification:
A
0,95 ± 0,1
mm
B
4,0 ± 0,1
mm
C
8,0 ± 0,2
mm
D
1,5 +0,1/-0,0
mm
E
4,0 ± 0,1
mm
F
2,0 ± 0,05
mm
G
1,75 ± 0,1
mm
H
3,5 ± 0,1
mm
I
1,8 ± 0,1
mm
J
0,85 max.
mm
T
0,2 ± 0,05
mm
Rollenspezifikation / Reel specification:
a
178,0 ± 2,0
mm
b
13,0 ± 0,3
mm
c
21,8 ± 0,8
mm
d
2,0 ± 0,5
mm
e
60,0 ± 0,5
mm
f
1,2 ± 2,0
mm
g
9,0 ± 0,3
mm
AWe
Version 1
04-10-11
Name
Änderung / modification
Datum/date
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Str. 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.de
...............................................
................................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Unterschrift / signature
Würth Elektronik
I Rollenspezifikation / tape and reel specification :
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
SMD-Balun WE-BAL
Chip-Balun WE-BAL
DATUM / DATE : 2004-12-14
Artikelnummer / part number :
748412245
Spezifikation für Freigabe / specification for release
Kunde / customer :
LF
J
I
T
A
B
C
H
G
F
E
øD
Trailer End
Trailer (80mm min.)
Leader End
Cover Tape Only
(250mm min.)
Empty Compartments
with Cover Tape (100mm min.)
The force for tearing off cover tape is
10 to 130 grams in arrow direction
feeding direction
< 10°
Øc
b
d
e
a
f
g
RoHS compliant
SEITE 4 VON 4


Similar Part No. - 748412245

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748411245 WURTH-748411245 Datasheet
165Kb / 4P
   Chip-Balun WE-BAL
748415245 WURTH-748415245 Datasheet
200Kb / 4P
   Chip-Balun WE-BAL
More results

Similar Description - 748412245

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748411245 WURTH-748411245 Datasheet
165Kb / 4P
   Chip-Balun WE-BAL
748421551 WURTH-748421551 Datasheet
210Kb / 4P
   Chip-Balun WE-BAL
748415245 WURTH-748415245 Datasheet
200Kb / 4P
   Chip-Balun WE-BAL
748425245 WURTH-748425245 Datasheet
204Kb / 4P
   Chip-Balun WE-BAL
748422245 WURTH-748422245 Datasheet
570Kb / 7P
   WE-BAL Multilayer Chip Balun
002.001
logo
STMicroelectronics
AN4315 STMICROELECTRONICS-AN4315 Datasheet
703Kb / 10P
   BAL-NRF02D3 matched balun with integrated harmonics filter
logo
Abracon Corporation
AMCB21 ABRACON-AMCB21 Datasheet
187Kb / 2P
   MULTILAYER CHIP BALUN
10.23.07
logo
Raltron Electronics Cor...
RBL-1608-AM8-TR RALTRON-RBL-1608-AM8-TR Datasheet
405Kb / 3P
   BALUN
RBL-2012-A8-TR RALTRON-RBL-2012-A8-TR Datasheet
422Kb / 3P
   BALUN
logo
YAGEO Corporation
BLN1608LL01R5000A YAGEO-BLN1608LL01R5000A Datasheet
638Kb / 6P
   Balun
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com