Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBL601-KBL Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # KBL601-KBL
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

KBL601-KBL Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  KBL601-KBL Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD KBL601-KBL Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE SILICON BRIDGE RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
FEATURES
· Reliable low cost construction utilizing molded
KBL
plastic technique
· Ideal for printed circuit board
· Low forward voltage drop
· Low reverse leakage current
· High surge current capability
MECHANICAL DATA
Case: Molded plastic, KBL
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Weight: 0.2ounce, 5.6gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols KBL6005 KBL601
KBL602
KBL604
KBL606
KBL608
KBL610
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at T A=50℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage
at 4.0A DC and 25℃
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
/W
Typical Thermal Resistance (Note 3)
RθJL
/W
Operating and Storage Temperature Range
TJ,Tstg
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal resistance from junction to ambient with units mounted on 3.0 x 3.0 x 0.11” thick (7.5 x 7.5 x 0.3cm) Al. plate
3- Thermal resistance from junction to lead with units mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5" (12 x 12mm) copper pads
-55 to +125
10.0
500
40
19
2.4
Dimensions in inches and (millimeters)
I(AV)
IFSM
VF
6.0
250
IR
Amp
Amp
Volts
uAmp
1.1
KBL
THRU KBL
.0 AMPERE
6
6005
610
www.yfwdiode.com


Similar Part No. - KBL601-KBL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBL601 ETC-KBL601 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Zibo Seno Electronic En...
KBL601 ZSELEC-KBL601 Datasheet
337Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBL601 TSC-KBL601 Datasheet
76Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Microdiode Electronics ...
KBL601 CHENDA-KBL601 Datasheet
870Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
KBL601 DAESAN-KBL601 Datasheet
227Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - KBL601-KBL

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com