Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6213EC5-3.0 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6213EC5-3.0
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6213EC5-3.0 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6213EC5-3.0 Datasheet HTML 2Page - Sipex Corporation SP6213EC5-3.0 Datasheet HTML 3Page - Sipex Corporation SP6213EC5-3.0 Datasheet HTML 4Page - Sipex Corporation SP6213EC5-3.0 Datasheet HTML 5Page - Sipex Corporation SP6213EC5-3.0 Datasheet HTML 6Page - Sipex Corporation SP6213EC5-3.0 Datasheet HTML 7Page - Sipex Corporation SP6213EC5-3.0 Datasheet HTML 8Page - Sipex Corporation SP6213EC5-3.0 Datasheet HTML 9Page - Sipex Corporation SP6213EC5-3.0 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Rev. 9/22/03
SP6213 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2003 Sipex Corporation
D
e
E
b
HE
A2
A1
A
Q1
c
L
NOTE:
1. All dimensions are in
inches/(millimeters)
2. Dimensions are inclusive
of plating
3. Dimensions are exclusive
of mold flash & metal burr
4. All specifications comply
to EIAJ SC70
e
SYMBOL
MIN
MAX
e
0.026BSC/(0.65 BSC)
D0.071/(1.80)
0.067/(2.20)
b0.006/(0.15)
0.012/(0.30)
E0.045/(1.15)
0.053/(1.35)
HE
0.071(1.80)
0.094(2.40)
Q1
0.004/(0.10)
0.016/(0.40)
A2
0.031/(0.80)
0.039/(1.00)
A1
0.000/(0.00)
0.004/(0.10)
A0.031/(0.80)
0.043/(1.10)
c0.004/(0.10)
0.007/(0.18)
L0.004/(0.10)
0.012/(0.30)
5 PIN SC-70
PACKAGE: 5 PIN SC-70


Similar Part No. - SP6213EC5-3.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6213EC5-3.0 SIPEX-SP6213EC5-3.0 Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213EC5-3.0/TR SIPEX-SP6213EC5-3.0/TR Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
More results

Similar Description - SP6213EC5-3.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6214 SIPEX-SP6214 Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6213 EXAR-SP6213 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Sipex Corporation
SP6213EC5-L-1-8 SIPEX-SP6213EC5-L-1-8 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com