Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6685ER Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6685ER
Description  Charge Pump LED Driver For Camera Flash
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685ER Datasheet(HTML) 3 Page - Sipex Corporation

  SP6685ER Datasheet HTML 1Page - Sipex Corporation SP6685ER Datasheet HTML 2Page - Sipex Corporation SP6685ER Datasheet HTML 3Page - Sipex Corporation SP6685ER Datasheet HTML 4Page - Sipex Corporation SP6685ER Datasheet HTML 5Page - Sipex Corporation SP6685ER Datasheet HTML 6Page - Sipex Corporation SP6685ER Datasheet HTML 7Page - Sipex Corporation SP6685ER Datasheet HTML 8Page - Sipex Corporation SP6685ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Date: 12/15/04
SP6685 Charge Pump LED Driver for Camera Flash
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1VIN
Input Voltage for the charge pump. Decouple with 1µF ceramic
capacitor close to the pins of the IC.
2C1
Positive input for the external fly capacitor. Connect a ceramic 1µF
capacitor close to the pins of the IC.
3C2
Negative input for the external fly capacitor. Connect a ceramic 1µF
capacitor close to the pins of the IC.
4
FLASH
Logic input to toggle operation between FLASH and TORCH mode.
In TORCH mode FB is regulated to the internal 50mV reference. In
FLASH mode FB reference voltage can be adjusted by changing the
resistor from RSET pin to ground. Choose the external current sense
resistor (RSENSE) based on desired current in TORCH mode. The
FLASH mode should be limited to 200ms to avoid overheating the
charge pump.
5EN
Shutdown control input. Connect to VIN for normal operation, connect
to ground for shutdown.
6RSET
Connect a resistor from this pin to ground. When in FLASH mode
(FLASH = High) this resistor sets the current regulation point
according to the following: VFB = (1.26V/ RSET)*11.2KΩ.
7FB
Feedback input for the current control loop. Connect directly to the
current sense resistor.
8SGND
Internal ground pin. Control circuitry returns current to this pin.
9PGND
Power ground pin. Fly capacitor current returns through this pin.
10
VOUT
Charge Pump Output Voltage. Decouple with an external capacitor.
At least 1uF is recommended. Higher capacitor values reduce output
ripple.


Similar Part No. - SP6685ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685ER SIPEX-SP6685ER Datasheet
278Kb / 16P
   700mA Buck/Boost Charge Pump LED Driver
SP6685ER SIPEX-SP6685ER Datasheet
187Kb / 4P
   Evaluation Board Manual
logo
Exar Corporation
SP6685ER-L EXAR-SP6685ER-L Datasheet
565Kb / 14P
   700mA Buck/Boost Charge Pump LED Driver
SP6685ER-L/TR EXAR-SP6685ER-L/TR Datasheet
565Kb / 14P
   700mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6685ER/TR SIPEX-SP6685ER/TR Datasheet
278Kb / 16P
   700mA Buck/Boost Charge Pump LED Driver
More results

Similar Description - SP6685ER

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
   500mA LED Camera Flash Charge Pump
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
SC605 SEMTECH-SC605 Datasheet
361Kb / 12P
   Charge Pump Flash LED Driver
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
   Charge Pump Flash LED Driver
logo
Monolithic Power System...
EV3214DQ-00A MPS-EV3214DQ-00A Datasheet
200Kb / 4P
   500mA, LED Camera Flash Charge Pump EV Board
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
   500mA Camera LED Charge Pump
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
   500mA Camera LED Charge Pump
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
   Flash LED Driver with 700mA Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com