Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F450DD183K630C Datasheet(PDF) 1 Page - Kemet Corporation

Part # F450DD183K630C
Description  PHE450 Series Double Metallized Polypropylene Film
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F450DD183K630C Datasheet(HTML) 1 Page - Kemet Corporation

  F450DD183K630C Datasheet HTML 1Page - Kemet Corporation F450DD183K630C Datasheet HTML 2Page - Kemet Corporation F450DD183K630C Datasheet HTML 3Page - Kemet Corporation F450DD183K630C Datasheet HTML 4Page - Kemet Corporation F450DD183K630C Datasheet HTML 5Page - Kemet Corporation F450DD183K630C Datasheet HTML 6Page - Kemet Corporation F450DD183K630C Datasheet HTML 7Page - Kemet Corporation F450DD183K630C Datasheet HTML 8Page - Kemet Corporation F450DD183K630C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3033_PHE450 • 9/15/2016
1
One world. One KEMET
Benefits
• Rated voltage: 250 – 3,000 VDC
• Rated voltage: 180 – 1,000 VAC
• Capacitance range: 0.00033 – 10 µF
• Lead spacing: 7.5 – 37.5 mm
• Capacitance tolerance: ±5%, other tolerances on request
• Climatic category: 55/105/56, IEC 60068–1
• Tape and reel packaging in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Categorytemperaturerangeof−55°Cto+105°C
Overview
The PHE450 Series is a polypropylene dielectric with double
metallizedpolyesterfilmaselectrodes.Thecapacitoris
encapsulated in self-extinguishing resin in a box of material
meeting the requirements of UL 94 V–0.
Applications
Typical applications include high frequency applications with
highcurrentstresssuchasdeflectioncircuitsintelevisions
and protection circuits in switched mode power supply
(SMPS) and electronic ballasts.
General Purpose, Pulse and DC Transient Suppression
PHE450 Series Double Metallized Polypropylene Film
Legacy Part Number System
PHE450
P
B
5180
J
B04
R06
Series
Rated Voltage
(VDC)
Lead Spacing
(mm)
Capacitance
Code (pF)
Capacitance
Tolerance
Optional Box Code
Packaging
Metallized
Polypropylene
H = 250
K = 400
M = 630
P = 1000
R = 1600
S = 2000
T = 2500
X = 3000
K = 7.5
A = 10.0
B = 15.0
D = 22.5
F = 27.5
R = 37.5
The last three
digits represent
significantfigures.
Firstdigitspecifies
the number of zeros
to be added.
J = ±5%
On request:
F = ±1%
G = ±2%
H = ±2.5%
K = ±10%
M = ±20%
See Dimension
Table
See Ordering
Options Table
New KEMET Part Number System
F
450
B
D
183
J
1K0
C
Capacitor Class
Series
Lead Spacing
(mm)
Size Code
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Packaging
F = Film
Metallized
Polypropylene
K = 7.5
A = 10.0
B = 15.0
D = 22.5
F = 27.5
R = 37.5
See Dimension
Table
First two digits
represent
significant
figures.Third
digitspecifies
number of
zeros.
J = ±5%
On request:
F = ±1%
G = ±2%
H = ±2.5%
K = ±10%
M = ±20%
250 = 250
400 = 400
630 = 630
1K0 = 1000
1K6 = 1600
2K0 = 2000
2K5 = 2500
3K0 = 3000
See Ordering
Options Table
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - F450DD183K630C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F450 LITTELFUSE-F450 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
F450-ND LITTELFUSE-F450-ND Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
logo
Fox Electronics
F4500 FOX-F4500 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F4500R FOX-F4500R Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F4505 FOX-F4505 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
More results

Similar Description - F450DD183K630C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE450MD6470JR30 KEMET-PHE450MD6470JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.47 uF, 5%, 630 V, 85C, Lead Spacing = 22.5mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450HK3680JR17 KEMET-PHE450HK3680JR17 Datasheet
57Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 680 pF, 5%, 250 V, 85C, Lead Spacing = 7.5mm
PHE450HA6100JR20 KEMET-PHE450HA6100JR20 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.1 uF, 5%, 250 V, 85C, Lead Spacing = 10mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
PHE450RD6150JR30 KEMET-PHE450RD6150JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.15 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Kemet Corporation
PHE450PD6220JD16R30 KEMET-PHE450PD6220JD16R30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.22 uF, 5%, 1,000 V, 85C, Lead Spacing = 22.5mm
PHE450XB4100JB04R17 KEMET-PHE450XB4100JB04R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1000 pF, 5%, 3,000 V, 85C, Lead Spacing = 15mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com